Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC2016K Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # KC2016K
Description  Clock Oscillators Surface Mount Type Clock K-Series (32.768kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC2016K Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  KC2016K Datasheet HTML 1Page - Kyocera Kinseki Corpotation KC2016K Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
As of October 2023
Find
Clock Oscillators Here
CMOS/ 1.8V, 2.5V, 3.3V / 2.0×1.6, 2.5×2.0, 3.2×2.5, 5.0×3.2, 7.0×5.0mm
Specifications
Item
Symbol
Conditions
Min.
Max.
Unit
Output Frequency
Fo
32.768
kHz
Frequency Tolerance
F_tol
Initial tolerance(@+25°C),
Operating temperature range,
Rated power supply voltage
change (Vcc±10%)
Temp.:−40to+85°C
−25
+25
×10−6
Temp.:−40to+125°C
−90
+90
F_Aging Aging (@1 year)
−3
+3
F_Oth Others (Load change, shock and vibration)
−4
+4
Storage Temperature Range
T_STG
−55
+150
°C
Operating Temperature
T_use
−40
+85
°C
−40
+125
Max. Supply Voltage
—
−0.3
+4.5
V
Supply Voltage
VCC
+1.60 +3.63
V
Current Consumption
(No Load)
ICC
1.6≤Vcc≤2.0V
—
28
μA
2.0<Vcc≤2.8V
—
29
2.8<Vcc≤3.63V
—
30
Stand-by Current
I_std
—
5
µA
Symmetry
SYM @50% Vcc
45
55
%
Rise/ Fall Time
(10% VCC to 90% VCC Out-
put Level)
Tr/ Tf
—
50
ns
Low Level Output Voltage
VOL IOL= 1mA
— 10% VCC
V
High Level Output Voltage VOH IOH=−1mA
90% VCC —
V
Output Load
L_CMOS
15
pF
Low Level Input Voltage
VIL
— 30% VCC
V
High Level Input Voltage
VIH
70% VCC —
V
Disable Time
t_dis
—
100
ns
Enable Time
t_ena
—
2
ms
Start-up Time
t_sta @Minimum operating voltage to be 0 sec.
—
5
ms
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Clock Oscillators Surface Mount Type
Clock K-Series (32.768kHz)
Pad Connections
#1 Stand-by Function
#2 Case GND
#3 Output
#4 VCC
Stand-by Function
Pad1 Pad3 (Output)
Open Active
"H" Level Active
"L" Level High Z (No-Oscillation)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com