Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC2016K Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC2016K
Description  Clock Oscillators Surface Mount Type Clock K-Series (32.768kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC2016K Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC2016K Datasheet HTML 1Page - Kyocera Kinseki Corpotation KC2016K Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
As of October 2023
Find
Clock Oscillators Here
CMOS/ 1.8V, 2.5V, 3.3V / 2.0×1.6, 2.5×2.0, 3.2×2.5, 5.0×3.2, 7.0×5.0mm
Features
• CMOS output
• Wide Supply Voltage
・
1.6 to 3.63V
• Low current consumption
• Low Phase Noise
Applications
• Consumer / Networking / Industrial /
Audio Codec / Amuse / Clock for sleep
Table 1
Freq. Tol.
Operating
Temperature
Range (°C)
Note
Code × 10−6
2 ± 25 −40 to +85 Standard
specifications
3 ± 90 −40 to +125
1.85
1.05
2.2
1.2
2.5
1.6
5.08
1.8
0.6
0.6
1.2
KC7050K
KC5032K
KC3225K
KC2016K
KC2520K
Recommended Land Pattern
(Unit: mm)
#4
#3
#1
#2
#4
#3
#1
#2
#4
#3
#1
#2
7.0
1.4
5.08
#4
#3
#1
#2
5.0
1.2
2.54
3.2
±0.15
1.2
0.9
0.9
#4
#3
#1
#2
2.0
2.5
1.2
0.3
0.3
KC7050K
KC5032K
KC3225K
KC2016K
KC2520K
0.9
0.7
0.7
Tolerance
:
±0.2mm
Tolerance
:
±0.1mm
Tolerance
:
±0.2mm
Tolerance
:
±0.2mm
Tolerance
:
±0.15mm
Dimensions
(Unit: mm)
How to Order
KC2520K 32K7680 C 1 □ A 00
①
② ③ ④ ⑤ ⑥ ⑦
①Series
②Output Frequency (32.768kHz)
③Output Type (C: CMOS)
④Supply Voltage
1
1.8V/ 2.5V/ 3.3V compatible
⑤Frequency Tolerance (See Table 1)
⑥Symmetry/ INH Function
A
45/ 55%
⑦Individual Specification
(STD Specification is “00”.)
Packaging Tape & Reel
KC7050K/ KC5032K
1000 pcs./ reel
KC3225K/KC2520K/KC2016K 2000 pcs./ reel
Clock Oscillators Surface Mount Type
Clock K-Series (32.768kHz)
RoHSCompliant


Similar Part No. - KC2016K

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2016K32K7680C12A00 KSS-KC2016K32K7680C12A00 Datasheet
420Kb / 7P
Crystal Oscillator
September 17, 2022
KC2016K32K7680C12A00. KSS-KC2016K32K7680C12A00. Datasheet
420Kb / 7P
Crystal Oscillator
September 17, 2022
More results

Similar Description - KC2016K

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050P-L2 KSS-KC7050P-L2 Datasheet
134Kb / 1P
Clock Oscillators Surface Mount Type
KC7050P-L3 KSS-KC7050P-L3 Datasheet
134Kb / 1P
Clock Oscillators Surface Mount Type
KC7050P-P2 KSS-KC7050P-P2 Datasheet
133Kb / 1P
Clock Oscillators Surface Mount Type
KC7050P-P3 KSS-KC7050P-P3 Datasheet
134Kb / 1P
Clock Oscillators Surface Mount Type
KC7050R-P3 KSS-KC7050R-P3 Datasheet
140Kb / 1P
Clock Oscillators Surface Mount Type
KC7050S-C1 KSS-KC7050S-C1 Datasheet
55Kb / 1P
Clock Oscillators Surface Mount Type
KC7050S-P2 KSS-KC7050S-P2 Datasheet
55Kb / 1P
Clock Oscillators Surface Mount Type
logo
AVX Corporation
KC2520B24.0000C10E00 AVX-KC2520B24.0000C10E00 Datasheet
121Kb / 1P
Clock Oscillators Surface Mount Type
KC5032C16.0000C30E00 AVX-KC5032C16.0000C30E00 Datasheet
125Kb / 1P
Clock Oscillators Surface Mount Type
logo
Kyocera Kinseki Corpota...
KC7050A-C5 KSS-KC7050A-C5_18 Datasheet
62Kb / 1P
Clock Oscillators Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com