Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372ID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS372ID
Description  Low power dual CMOS voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS372ID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS372ID Datasheet HTML 2Page - STMicroelectronics TS372ID Datasheet HTML 3Page - STMicroelectronics TS372ID Datasheet HTML 4Page - STMicroelectronics TS372ID Datasheet HTML 5Page - STMicroelectronics TS372ID Datasheet HTML 6Page - STMicroelectronics TS372ID Datasheet HTML 7Page - STMicroelectronics TS372ID Datasheet HTML 8Page - STMicroelectronics TS372ID Datasheet HTML 9Page - STMicroelectronics TS372ID Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ordering information
TS372
8/10
Doc ID 4068 Rev 2
5
Ordering information
Table 7.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS372CD
0°C, +70°C
SO-8
Tube
TS372CDT
0°C, +70°C
SO-8
Tape & reel
TS372CN
0°C, +70°C
DIP8
TS372ID
-40°C, +125°C
SO-8
Tube
TS372IDT
-40°C, +125°C
SO-8
Tape & reel
TS372IN
-40°C, +125°C
DIP8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com