Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372ID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS372ID
Description  Low power dual CMOS voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS372ID Datasheet(HTML) 4 Page - STMicroelectronics

  TS372ID Datasheet HTML 1Page - STMicroelectronics TS372ID Datasheet HTML 2Page - STMicroelectronics TS372ID Datasheet HTML 3Page - STMicroelectronics TS372ID Datasheet HTML 4Page - STMicroelectronics TS372ID Datasheet HTML 5Page - STMicroelectronics TS372ID Datasheet HTML 6Page - STMicroelectronics TS372ID Datasheet HTML 7Page - STMicroelectronics TS372ID Datasheet HTML 8Page - STMicroelectronics TS372ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
TS372
4/10
Doc ID 4068 Rev 2
3
Electrical characteristics
Table 3.
Electrical characteristics at VCC+ = 5 V, VCC- = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Vic = Vicm min)
(1)
Tamb = 25°C
Tmin ≤Tamb ≤Tmax
1.
The specified offset voltage is the maximum value required to drive the output down to 400 mV or up to 4 V
with R
L = 100 k
Ω to Vcc+
210
12
mV
Iio
Input offset current (2)
Tamb = 25°C
Tmin ≤Tamb ≤Tmax TS372C
TS372I/TS372M
2.
Maximum values including unavoidable inaccuracies of the industrial test.
1
100
200
pA
Iib
Input offset current (2)
Tamb = 25°C
Tmin ≤Tamb ≤Tmax TS372C
TS372I/TS372M
1
150
300
pA
IOH
High level output current (Vid = 1 V)
Tamb = 25°C VOH = 5 V
Tmin ≤Tamb ≤Tmax VOH = 15 V
0.1
1
nA
µA
VOL
Low level output voltage (Vid = -1, IOL = 4 mA)
Tamb = 25°C
Tmin ≤Tamb ≤Tmax
100
400
700
mV
IOL
Low level output current (Vid = -1, VOL = 1.5 V)
6
45
mA
ICC
Supply current (each comparator)
(Vid = 1 V, no load)
150
375
µA
Table 4.
Switching characteristics (VCC+ = 5 V, Tamb = 25°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tre
Response time
(R
L = 5.1 k
Ω connected to 5 V, CL = 15 pF (1)
100mV input step with 5mV overdrive
TTL level input step
1.
The specified response time is the internal between the input signal and the instant when the output signal
crosses 1.4 V.
Note:
If one of the two channels is not used, it must be configured with a differential
input voltage greater than 100 mV to avoid switching.
600
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com