Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8270ACPZ-R7
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8270ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8270
Rev. 0 | Page 16 of 20
Table 8. Selected Single-Ended Configurations
Electrical Performance
Pin Connections
Signal Gain
Op Amp
Closed-Loop Gain
Input
Resistance
10 kΩ −
Pin 1
10 kΩ −
Pin 2
10 kΩ +
Pin 3
10 kΩ +
Pin 4
20 kΩ +
Pin 5
20 kΩ +
Pin 6
−2
3
5 kΩ
IN
IN
GND
GND
GND
GND
−1.5
3
4.8 kΩ
IN
IN
GND
GND
GND
IN
−1.4
3
5 kΩ
IN
IN
GND
GND
NC
IN
−1.25
3
5.333 kΩ
IN
IN
GND
NC
GND
IN
−1
3
5 kΩ
IN
IN
GND
GND
IN
IN
−0.8
3
5.556 kΩ
IN
IN
IN
GND
NC
GND
−0.667
2
8 kΩ
IN
NC
GND
GND
GND
IN
−0.6
2
8.333 kΩ
IN
NC
GND
GND
NC
IN
−0.5
2
8.889 kΩ
IN
NC
GND
NC
GND
IN
−0.333
2
7.5 kΩ
IN
NC
GND
GND
IN
IN
−0.25
1.5
8 kΩ
OUT
IN
GND
GND
GND
IN
−0.2
1.5
8.333 kΩ
OUT
IN
GND
GND
NC
IN
−0.125
1.5
8.889 kΩ
OUT
IN
GND
NC
GND
IN
+0.1
1.5
8.333 kΩ
OUT
IN
IN
GND
NC
GND
+0.2
2
10 kΩ
IN
NC
GND
IN
NC
IN
+0.25
1.5
24 kΩ
OUT
GND
GND
GND
GND
IN
+0.3
1.5
25 kΩ
OUT
GND
GND
GND
NC
IN
+0.333
2
24 kΩ
GND
NC
GND
GND
GND
IN
+0.375
1.5
26.67 kΩ
OUT
GND
GND
NC
GND
IN
+0.4
2
25 kΩ
GND
NC
GND
GND
NC
IN
+0.5
3
24 kΩ
GND
GND
GND
GND
GND
IN
+0.5
1.5
15 kΩ
OUT
GND
GND
GND
IN
IN
+0.6
3
25 kΩ
GND
GND
GND
GND
NC
IN
+0.6
1.5
16.67 kΩ
OUT
GND
IN
GND
NC
GND
+0.625
1.5
16 kΩ
OUT
IN
NC
IN
IN
GND
+0.667
2
15 kΩ
GND
NC
GND
GND
IN
IN
+0.7
1.5
16.67 kΩ
OUT
IN
IN
IN
NC
GND
+0.75
3
26.67 kΩ
GND
GND
GND
NC
GND
IN
+0.75
1.5
13.33 kΩ
OUT
GND
GND
IN
GND
IN
+0.8
2
16.67 kΩ
GND
NC
IN
GND
NC
GND
+0.9
1.5
16.67 kΩ
OUT
GND
GND
IN
NC
IN
+1
1.5
15 kΩ
OUT
GND
IN
IN
GND
GND
+1
1.5
>1 GΩ
OUT
IN
IN
IN
IN
IN
+1
3
>1 GΩ
IN
IN
IN
IN
IN
IN
+1.125
1.5
26.67 kΩ
OUT
GND
NC
IN
IN
GND
+1.2
3
16.67 kΩ
GND
GND
IN
GND
NC
GND
+1.2
1.5
25 kΩ
OUT
GND
IN
IN
NC
GND
+1.25
1.5
24 kΩ
OUT
GND
IN
IN
IN
GND
+1.333
2
15 kΩ
GND
NC
IN
IN
GND
GND
+1.5
3
13.33 kΩ
GND
GND
GND
IN
GND
IN
+1.5
1.5
>1 GΩ
OUT
GND
IN
IN
IN
IN
+1.6
2
25 kΩ
GND
NC
IN
IN
NC
GND
+1.667
2
24 kΩ
GND
NC
IN
IN
IN
GND
+1.8
3
16.67 kΩ
GND
GND
GND
IN
NC
IN
+2
2
>1 GΩ
GND
NC
IN
IN
IN
IN
+2.25
3
26.67 kΩ
GND
GND
NC
IN
IN
GND
+2.4
3
25 kΩ
GND
GND
IN
IN
NC
GND
+2.5
3
24 kΩ
GND
GND
IN
IN
IN
GND
+3
3
>1 GΩ
GND
GND
IN
IN
IN
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com