Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8270ACPZ-R7
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8270ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision Dual-Channel,
Difference Amplifier
AD8270
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
With no external resistors
Difference amplifier: gains of 0.5, 1, or 2
Single ended amplifiers: over 40 different gains
Set reference voltage at midsupply
Excellent ac specifications
15 MHz bandwidth
30 V/μs slew rate
High accuracy dc performance
0.08% maximum gain error
10 ppm/°C maximum gain drift
80 dB minimum CMRR (G = 2)
Two channels in small 4 mm × 4 mm LFCSP
Supply current: 2.5 mA per channel
Supply range: ±2.5 V to ±18 V
APPLICATIONS
Instrumentation amplifier building blocks
Level translators
Automatic test equipment
High performance audio
Sine/Cosine encoders
GENERAL DESCRIPTION
The AD8270 is a low distortion, dual-channel amplifier with
internal gain setting resistors. With no external components,
it can be configured as a high performance difference amplifier
with gains of 0.5, 1, or 2. It can also be configured in over 40 single-
ended configurations, with gains ranging from −2 to +3.
The AD8270 is the first dual-difference amplifier in the small
4 mm × 4 mm LFCSP. It requires the same board area as a typical
single-difference amplifier. The smaller package allows a 2×
increase in channel density and a lower cost per channel, all
with no compromise in performance.
The AD8270 operates on both single and dual supplies and
requires only 2.5 mA maximum supply current for each ampli-
fier. It is specified over the industrial temperature range of
−40°C to +85°C and is fully RoHS compliant.
FUNCTIONAL BLOCK DIAGRAM
1
–IN1A
2
–IN2A
3
+IN2A
4
+IN1A
11 –IN2B
12 –IN1B
10 +IN2B
9+IN1B
AD8270
_
+
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
20kΩ
20kΩ
20kΩ
20kΩ
_
+
Figure 1.
Table 1. Difference Amplifiers by Category
High
Speed
High
Voltage
Single-Supply
Unidirectional
Single-Supply
Bidirectional
AD8270
AD628
AD8202
AD8205
AD8273
AD629
AD8203
AD8206
AMP03
AD8216


Similar Part No. - AD8270ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8270ACPZ-R7 AD-AD8270ACPZ-R7 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
More results

Similar Description - AD8270ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8270 AD-AD8270 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8273 AD-AD8273 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com