Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7520NK/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7520NK/PCBZ
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7520NK/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADV7520NK/PCBZ Datasheet HTML 1Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 2Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 3Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 4Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 5Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 6Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 7Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADV7520NK
Rev. 0 | Page 3 of 8
SPECIFICATIONS
Table 1.
Parameter
Conditions
Temp
Test Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.4
3.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.7
V
Input Capacitance
25°C
VIII
1.5
pF
THERMAL CHARACTERISTICS
Thermal Resistance
Junction-to-Case BGA (θJC)
V
15.2
°C/W
Junction-to-Ambient (θJA)
V
59
°C/W
Ambient Temperature
Full
V
−25
+25
+90
°C
DC SPECIFICATIONS
Input Leakage Current (IIL)
Full
VI
−1
+1
μA
AC SPECIFICATIONS
CLK Frequency
Full
IV
13.5
80
MHz
TMDS Output CLK Duty Cycle
Full
IV
48
52
%
Input Data Setup Time
Full
IV
1
ns
Input Data Hold Time
Full
IV
0.7
ns
TMDS Differential Swing
VI
900
1000
1100
mV
VSYNC and HSYNC Delay from DE Falling Edge
IV
1
UI2
VSYNC and HSYNC Delay to DE Rising Edge
IV
1
UI2
Differential Output Swing
Low-to-High Transition Time
25°C
VII
75
175
ps
High-to-Low Transition Time
25°C
VII
75
175
ps
AUDIO AC TIMING
Sample Rate
I2S and S/PDIF
Full
IV
32
192
kHz
I2S Setup Time
25°C
IV
2
ns
I2S Hold Time
25°C
IV
2
ns
1 See the Explanation of Test Levels section.
2 UI = unit interval.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com