Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7520NK/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7520NK/PCBZ
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7520NK/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7520NK/PCBZ Datasheet HTML 1Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 2Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 3Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 4Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 5Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 6Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 7Page - Analog Devices ADV7520NK/PCBZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Power HDMI/DVI Transmitter with
Consumer Electronic Control (CEC)
ADV7520NK
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
8 Analog Devices, Inc. All rights reserved.
FEATURES
General
Low power HDMI/DVI transmitter ideal for portable
applications
CEC controller and buffer reduce system overhead
Compatible with HDMI v.1.3, DVI v.1.0, and HDCP 1.3
Supports xvYCC functionality
Single 1.8 V power supply
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
80 MHz operation supports all HDTV resolutions from
480i to 1080i
Programmable 2-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU656-based embedded syncs
Automatic input video format timing detection (CEA-861D)
Digital audio
Supports standard S/PDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel, uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C master to perform HDCP operations
and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting S/PDIF and I2S
On-chip MPU reports HDMI events through interrupts and
registers
APPLICATIONS
Digital video cameras
Digital still cameras
Personal media players
Cellular handsets
DVD players and recorders
Digital set-top boxes
A/V receivers
HDMI repeater/splitter
GENERAL DESCRIPTION
The ADV7520NK is an 80 MHz, high definition multimedia
interface (HDMI™) v.1.3 transmitter with consumer electronic
control (CEC). It supports HDTV formats up to 720p and 1080i
and computer graphic resolutions up to XGA (1024 × 768 @
75 Hz). With the inclusion of HDCP, the ADV7520NK allows
the secure transmission of protected content, as specified by the
HDCP 1.3 protocol.
FUNCTIONAL BLOCK DIAGRAM
D[23:0]
VSYNC
HSYNC
DE
CLK
I2C
SLAVE
SDA
SCL
HDCP
CORE
MDA
MCL
HDCP AND EDID
MICRO-
CONTROLLER
I2C
MASTER
INT
HPD
DDCSCL
Tx0[1:0]
Tx1[1:0]
Tx2[1:0]
TxC[1:0]
DDCSDA
ADV7520NK
HDMI Tx
CORE
S/PDIF
MCLK
I2S[3:0]
LRCLK
SCLK
CEC
CEC CONTROLLER
BUFFER
COLOR
SPACE
CONVERSION
SYNC
ADJUSTMENT
AND
GENERATION
AUDIO
DATA
CAPTURE
VIDEO
DATA
CAPTURE
REGISTERCON
FIGURATION
LOGIC
Figure 1.
The ADV7520NK supports both S/PDIF and 8-channel I2S audio.
Its high fidelity, 8-channel I2S can transmit either stereo or 7.1
surround audio at 192 kHz. The S/PDIF can carry stereo linear
pulse-code modulation (LPCM) audio or compressed audio,
including Dolby® Digital and DTS®.
The ADV7520NK helps reduce system design complexity and
cost by incorporating such features as an internal microprocessor
for high-bandwidth digital content protection (HDCP) operations,
an I2C® master for extended display identification data (EDID)
reading, a single 1.8 V power supply, and 5 V tolerance on the
I2C and hot plug detect pins. For additional information and
resources, see the Applications Information section.
Fabricated in an advanced CMOS process, the ADV7520NK
is available in a space saving, 76-ball CSP_BGA. The package is
RoHS compliant and is specified for −25°C to +90°C operation.


Similar Part No. - ADV7520NK/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
More results

Similar Description - ADV7520NK/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
High Performance, Low Power HDMI??DVI Transmitter
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
High Performance, Low Power HDMI/DVI Transmitter
REV. 0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
logo
Shenzhen Guan Hua Wei Y...
WSF12N10G WIINSOK-WSF12N10G Datasheet
934Kb / 5P
Consumer electronic power supply Motor control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com