Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389A Datasheet (PDF) - Analog Devices

AD9389A Datasheet PDF - Analog Devices
Part # AD9389A
Download  AD9389A Download
File Size   258.02 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance HDMI/DVI Transmitter

AD9389A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9389A Datasheet PDF - Analog Devices

Part # AD9389A
Download  AD9389A Click to download

File Size   258.02 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance HDMI/DVI Transmitter

AD9389A Datasheet (HTML) - Analog Devices


AD9389A Product details

GENERAL DESCRIPTION

The AD9389A-BBCZ is an 80 MHz, high definition multimedia interface (HDMI) v.1.2a transmitter. It supports HDTV formats up to 720p/1080i, and computer graphic resolutions up to XGA (1024 × 768 @ 75 Hz). With the inclusion of HDCP, the AD9389A allows the secure transmission of protected content as specified by the HDCP v1.1 protocol.

The AD9389A supports both S/PDIF and 8-channel I2S audio. Its high fidelity 8-channel I2S can transmit either stereo or 7.1 surround audio at 192 kHz. The S/PDIF can carry stereo LPCM audio or compressed audio including Dolby® Digital, DTS®, and THX®.



FEATURES

  General

     HDMITM/DVI transmitter compatible with HDMI v1.2a,

     DVI v1.0, and HDCP 1.1

     Internal key storage for HDCP

     Single 1.8 V power supply

     Video/audio inputs accept logic levels from 1.8 V to 3.3 V

     64-lead LFCSP, Pb-free package

  Digital video

     80 MHz operation supports all resolutions from 480i to

     720p/1080i and XGA-75 Hz

     Programmable two-way color space converter

     Supports RGB, YCbCr, DDR

     Supports ITU656 based embedded syncs

     Auto input video format timing detection (CEA-861B)

  Digital audio

     Supports standard S/PDIF for stereo LPCM or compressed audio up to 192 kHz

     Supports 8-channel uncompressed LPCM I2S audio up to 192 kHz

  Special features for easy system design

     On-chip MPU with I2C® master to perform HDCP operations and EDID reading operations

     5 V tolerant I2C and HPD I/Os, no extra device needed

     No audio master clock needed for supporting S/PDIF and I2S

     On-chip MPU reports HDMI events through interrupts and registers



APPLICATIONS

  DVD players and recorders

  Digital set-top boxes

  A/V receivers

  Digital cameras and camcorders

  HDMI repeater/splitter



 




Similar Part No. - AD9389A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
More results


Similar Description - AD9389A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889 AD-AD9889 Datasheet
2Mb / 48P
HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
High Performance HDMI/DVI Transmitter
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com