Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9889A Datasheet (PDF) - Analog Devices

AD9889A Datasheet PDF - Analog Devices
Part # AD9889A
Download  AD9889A Download
File Size   253.73 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance HDMI/DVI Transmitter

AD9889A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9889A Datasheet PDF - Analog Devices

Part # AD9889A
Download  AD9889A Click to download

File Size   253.73 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance HDMI/DVI Transmitter

AD9889A Datasheet (HTML) - Analog Devices


AD9889A Product details

GENERAL DESCRIPTION

The AD9889A-BBCZ is an 80 MHz, high definition multimedia interface (HDMI) v.1.2a transmitter. It supports HDTV formats up to 720p/1080i, and computer graphic resolutions up to XGA (1024 × 768 @ 75 Hz). With the inclusion of HDCP, the AD9889A allows the secure transmission of protected content as specified by the HDCP v1.1 protocol.



FEATURES

General

   HDMITM/DVI transmitter compatible with HDMI v1.2a,

   DVI v1.0, and HDCP 1.1

   Single 1.8 V power supply

   Video/audio inputs accept logic level s from 1.8 V to 3.3 V

   76-ball CSP_BGA, Pb-free package

Digital video

   80 MHz operation supports all resolutions from 480i to

   720p/1080i and XGA-75 Hz

   Programmable two-way color space converter

   Supports RGB, YCbCr, DDR

   Supports ITU656 based embedded syncs

   Auto input video format timing detection (CEA-861B)

Digital audio

   Supports standard S/PDIF for stereo LPCM or compressed

   audio up to 192 kHz

   8-channel uncompressed LPCM I2S audio up to 192 kHz

Special features for easy system design

   On-chip MPU with I2C® master to perform HDCP

   operations and EDID reading operations

   5 V tolerant I2C and HPD I/Os, no extra device needed

   No audio master clock needed for supporting S/PDIF and I2S

On-chip MPU reports HDMI events through interrupts and registers



APPLICATIONS

DVD players and recorders

Digital set-top boxes

A/V receivers

Digital cameras and camcorders

HDMI repeater/splitter




Similar Part No. - AD9889A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
More results


Similar Description - AD9889A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889 AD-AD9889 Datasheet
2Mb / 48P
HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
High Performance HDMI/DVI Transmitter
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com