Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9889 Datasheet (PDF) - Analog Devices

AD9889 Datasheet PDF - Analog Devices
Part # AD9889
Download  AD9889 Download
File Size   2811.37 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER

AD9889 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9889 Datasheet PDF - Analog Devices

Part # AD9889
Download  AD9889 Click to download

File Size   2811.37 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER

AD9889 Datasheet (HTML) - Analog Devices


AD9889 Product details

GENERAL DESCRIPTION

The AD9889 is an 80 MHz, high-definition multimedia interface (HDMITM 1.1) transmitter. It supports HDTV formats up to 1080i and 720p, and graphic resolutions up to XGA (1024 × 768 @ 75 Hz). With the inclusion of HDCP, the AD9889 allows the secure transmission of protected content as specified by the HDCP 1.1 protocol.



FEATURES

HDMI/DVI transmitter compatible with HDMI 1.1 and HDCP 1.1

Single 1.8 V power supply

Video/audio inputs are 3.3 V tolerant

80-lead, Pb-free LQFP

Digital video

   80 MHz operation supports all video formats from 480i to 1080i and 720p

   Programmable 2-way color space converter

   Supports RGB, YCbCr, DDR, ITU656 formats

   Auto input video format detection

Digital audio

   Supports standard S/PDIF for stereo or compressed audio up to 192 kHz

    8-channel LPCM I2S audio up to 192 kHz

Special features for easy system design

   On-chip MPU to perform HDCP operations

   On-chip I2C master to handle EDID reading

   5 V tolerant I2C and MPD I/Os, no extra device needed

   No audio master clock needed for S/PDIF support



APPLICATIONS

DVD players and recorders

Digital set-top boxes

AV receivers

Digital cameras and camcorders




Similar Part No. - AD9889

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9889ABBCZ-80 AD-AD9889ABBCZ-80 Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9889ABBCZRL-80 AD-AD9889ABBCZRL-80 Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
More results


Similar Description - AD9889

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
High Performance HDMI/DVI Transmitter
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com