Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7526 Datasheet (PDF) - Analog Devices

ADV7526 Datasheet PDF - Analog Devices
Part # ADV7526
Download  ADV7526 Download
File Size   63.34 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power HDMI/DVI Transmitter

ADV7526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7526 Datasheet PDF - Analog Devices

Part # ADV7526
Download  ADV7526 Click to download

File Size   63.34 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power HDMI/DVI Transmitter

ADV7526 Datasheet (HTML) - Analog Devices


ADV7526 Product details

GENERAL DESCRIPTION

The ADV7526 is a 150 MHz, high definition multimedia interface (HDMI®) transmitter with expanded CEC buffer. It supports HDTV formats up to 1080p and computer graphic resolutions up to SXGA at 75 Hz.



FEATURES

General

  Low power HDMI/DVI transmitter ideal for portable applications

  CEC controller and expanded message buffer (3 messages) reduce system overhead

  HDMI v.1.4a features supported

     3D video

     Extended colorimetry

  Compatible with DVI v.1.0

  Optional embedded HDCP keys to support HDCP 1.3

  1.8 V supplies for ultralow operating power

  Video/audio inputs accept logic levels from 1.8 V to 3.3 V

Digital video

  150 MHz operation supports all video and graphics resolutions from 480i to 1080p

  Programmable 2-way color space converter

  Supports RGB, YCbCr, DDR

  Supports ITU656-based embedded syncs

  Automatic input video format timing detection (CEA-861E)

Digital audio

  Supports standard SPDIF for stereo LPCM or compressed audio up to 192 kHz

  8-channel uncompressed LPCM I2S audio up to 192 kHz

Special features for easy system design

  On-chip MPU with I2C master to perform EDID reading and HDCP operations; reports HDMI events through interrupts and registers

  5 V tolerant I2C and HPD I/Os, no extra device needed

  No audio master clock needed for supporting SPDIF and I2S

  Compatible with AD9394 HDMI companion chip

  5 V generator for Hot Plug detect in portable applications



APPLICATIONS

  Cellular handsets

  Digital video cameras

  Digital still cameras

  Personal media players

  Gaming

  DVD players and recorders

  Digital set-top boxes

  HDMI repeater



 




Similar Part No. - ADV7526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520/PCBZ AD-ADV7520/PCBZ Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520BCPZ-80 AD-ADV7520BCPZ-80 Datasheet
152Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK Datasheet
268Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
More results


Similar Description - ADV7526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9889A AD-AD9889A Datasheet
253Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
High Performance, Low Power HDMI??DVI Transmitter
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
High Performance HDMI/DVI Transmitter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com