Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2P3FX Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # EN2P3FX
Description  2-Meter Micro-Con-X® & EN2™ Standard Cable Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN2P3FX Datasheet(HTML) 4 Page - Switchcraft, Inc.

  EN2P3FX Datasheet HTML 1Page - Switchcraft, Inc. EN2P3FX Datasheet HTML 2Page - Switchcraft, Inc. EN2P3FX Datasheet HTML 3Page - Switchcraft, Inc. EN2P3FX Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPB 641
NPB 641
2-Meter Micro-Con-X® & EN2™ Standard Cable Assemblies
CONNECTOR DIMENSIONS (Ref Only)
0.58 14.7
1.44 36.7
0.53
13.5
0.58 14.7
0.90 22.9
0.56 14.2
1.31 33.1
POLARIZATION KEYWAY
6 O'CLOCK
1.47
[37.3]
1.03
[26.1]
0.53
[13.4]
0.53
[13.4]
1.47
[37.3]
POLARIZATION KEYWAY
12 O'CLOCK
CAEN2________
CARAEN2_______
CA16280________
CARA16280________
2 POSITION
#20 PIN & SOCKET
CONTACT
3 POSITION
#20 PIN & SOCKET
CONTACT
CONTACT LAYOUTS (Connector Face Side)
Cable Part Number
Mating Cable-to-Cable*
Mating Panel Mount*
Column1
Cable Part Number
Mating Cable-to-Cable*
Mating Panel Mount*
CAEN2C2M07990
N/A
EN2P2FX
CA162802P07990
18282-2SG-318
17282-2SG-300
CAEN2C2F07990
N/A
EN2P2MX
CA162802S07990
18282-2PG-318
17282-2PG-300
CAEN2C3M07990
N/A
EN2P3FX
CA162803P07990
18282-3SG-318
17282-3SG-300
CAEN2C3F07990
N/A
EN2P3MX
CA162803S07990
18282-3PG-318
17282-3PG-300
CARAEN2C2M07990
N/A
EN2P2FX
CARA162802P07990
18282-2SG-318
17282-2SG-300
CARAEN2C2F07990
N/A
EN2P2MX
CARA162802S07990
18282-2PG-318
17282-2PG-300
CARAEN2C3M07990
N/A
EN2P3FX
CARA162803P07990
18282-3SG-318
17282-3SG-300
CARAEN2C3F07990
N/A
EN2P3MX
CARA162803S07990
18282-3PG-318
17282-3PG-300
*Additional configurations, backshell & grommet sizes, and mounting styles available. Visit Switchcraft.com for full product listing.
Mating Parts
SWITCHCRAFT: 5 555 N EL STON AVE, CHIC A GO , IL 606 30 - 77 3.79 2.2 7 00 - SA LES@ SW ITCHCRAFT.COM
CONXALL : 6 01 EA ST WILD W OOD, VILLA PA RK , IL 6 018 1 - 630.8 34 .7 504 - SALES@ CONXALL.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com