Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2P3FX Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # EN2P3FX
Description  2-Meter Micro-Con-X® & EN2™ Standard Cable Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN2P3FX Datasheet(HTML) 3 Page - Switchcraft, Inc.

  EN2P3FX Datasheet HTML 1Page - Switchcraft, Inc. EN2P3FX Datasheet HTML 2Page - Switchcraft, Inc. EN2P3FX Datasheet HTML 3Page - Switchcraft, Inc. EN2P3FX Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPB 641
2-Meter Micro-Con-X® & EN2™ Standard Cable Assemblies
VISIT WW W .SWITCHCRAFT.COM FOR MORE PRODUCTS AND DETAILED SP ECIFIC A TIONS
DETAILS AND AVAILABLE PART NUMBERS
Micro-Con-X®
Seal Rating
IP68, integrated O-ring
IP67, separate O-ring
Voltage Rating
250V, AC/DC (2 position)
125V AC/DC (3 position)
600V, AC/DC
Life Rating
600 Insertion/Withdrawal Cycles
300 Insertion/Withdrawal Cycles
UV Resistance
UL F1 Rated Materials
Not Rated (Custom UV rated cables
available, call factory)
Flex Relief
Molded 360° Flex Relief
Not Available
Configuration
Micro-Con-X® Part Number
Straight, 2-pos, Male
CAEN2C2M07990
CA162802P07990
Straight, 2-pos, Female
CAEN2C2F07990
CA162802S07990
Straight, 3-pos, Male
CAEN2C3M07990
CA162803P07990
Straight, 3-pos, Female
CAEN2C3F07990
CA162803S07990
Right Angle, 2-pos, Male
CARAEN2C2M07990
CARA162802P07990
Right Angle, 2-pos, Female
CARAEN2C2F07990
CARA162802S07990
Right Angle, 3-pos, Male
CARAEN2C3M07990
CARA162803P07990
Right Angle, 3-pos, Female
CARAEN2C3F07990
CARA162803S07990



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com