Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4923 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4923
Description  WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4923 Datasheet(HTML) 3 Page - STMicroelectronics

  L4923 Datasheet HTML 1Page - STMicroelectronics L4923 Datasheet HTML 2Page - STMicroelectronics L4923 Datasheet HTML 3Page - STMicroelectronics L4923 Datasheet HTML 4Page - STMicroelectronics L4923 Datasheet HTML 5Page - STMicroelectronics L4923 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Vi = 14. 4V, – 40
°C ≤ TJ ≤ + 125°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vi
Operating Input Voltage
(*) Note 1
6
26
V
Vo
Output Voltage
Io = 0mA to 1A
TJ =25
°C
4.8
4.9
5.2
5.1
V
V
∆VLine
Line Regulation
Vi = 6 to 26V; IO = 10mA
5
25
mV
SVR
Supply Voltage Rejection
Io = 700mA
f = 120Hz; Co =47
µF
Vi = 12Vdc +5Vpp
55
dB
∆VLOAD
Load Regulation
Io = 10mA to 1A
15
50
mV
Vi –Vo
Dropout Voltage
TJ =25
°C, IO =1A
0.45
0.70
V
Over Full T, Io = 1A
0.90
V
Iq
Quiescent Current
Io = 10mA
Io =1A
Active High Inhibit
7
25
0.30
12
70
0.65
mA
mA
mA
ISC
Short Circuit Current
1.8
A
SVR
Supply Volt. Rej.
Io = 350mA ; f = 120Hz
Co = 100
µF; Vi = 12V ± 5Vpp
50
60
dB
VR
Rset Output Saturation Voltage
1.5V < VO <VRT (off),IR = 1.6mA
3V < VO <VRT (off),IR =8mA
0.40
0.40
V
V
VRT peak
Power On-Off Reset out Peak
Voltage
1K
Ω Reset Pull-up to VO
0.65
1.0
V
IR
Reset Output Leakage Current
(high level)
Vo in Regul.
VR =5V
50
µA
tD
Reset Pulse Delay Time
CD = 100nF
20
ms
VRthOFF
Power OFF Vo Threshold
Vo @ Reset out H to L
Transition; TJ =25
°C
–40
°C ≤ TJ ≤ + 125°C
4.75
4.7
Vo –0.15
V
V
IC6
Delay Capacitor Charging
Current (current generator)
V6 =3V
20
µA
VRthON
Power ON Vo Threshold
Vo @ Reset out L to H
Transition
VrthOFF
+ 0.03V
Vo
0.04V
V
V6
Delay Comparator Threshold
Reset out = ”1” H to L Transition
3.2
3.8
V
Reset out = ”0” L to H Transition
3.7
4
4.4
V
V6H
Delay Comparator Hysteresis
500
mV
VInhL
Low Inhibit Voltage
0.5
V
VInhH
High Inhibit Voltage
2.0
V
IInhL
Low Level Inhibit Current
VInh L = 0.4V
– 40
– 10
µA
(*) Note 1 : The device is not operating within the range : 26 V < Vi <37 V.
EXTERNAL COMPENSATION
Since the purpose of a voltageregulatoris to supply
a fixed output voltage in spite of supply and load
variations, the open loop gain of the regulator must
be very high at low frequencies.This may cause in-
stability as a result of the various poles present in
the loop. To avoid this instability dominant pole
compensationis used to reduce phase shifts due to
other poles at the unity gain frequency. The lower
the frequency of theseother poles, the greatermust
be the capacitor used to create the dominant pole
for the same DC gain.
Where the output transistor is a lateral PNP type
there is a pole in the regulation loop at a frequency
too low to be compensatedby a capacitor wich can
be integrated. An external compensation is there-
fore necessary so a very high value capacitor must
be connectedfrom the output to ground.
The parassiticequivalentseries resistance of theca-
pacitor used adds a zero to the regulationloop. This
zero may compromise the stability of the system
since its effect tends to cancel the effect of the pole
added. In regulators this ESR must be less than 3
and the minimum capacitor value is 47
µF.
L4923
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com