Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4923 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4923
Description  WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4923 Datasheet(HTML) 4 Page - STMicroelectronics

  L4923 Datasheet HTML 1Page - STMicroelectronics L4923 Datasheet HTML 2Page - STMicroelectronics L4923 Datasheet HTML 3Page - STMicroelectronics L4923 Datasheet HTML 4Page - STMicroelectronics L4923 Datasheet HTML 5Page - STMicroelectronics L4923 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The operating principle of the voltage regulator is
basedon thereference,the error amplifier,the driver
and the power PNP. This stage uses an Isolated
Collector Vertical PNP transistor which allows to ob-
tain very low dropout voltage (typ. 450 mV) and low
quiescent current (IQ = 20 mA typically at IO = 1 A).
Thanks to these features the device is particularly
suited when the power dissipation must be limited
as, for example, in automotive or industrial applica-
tions supplied by battery.
The three gain stages (operational amplifier, driver
and power PNP) require the external capacitor
(COmin =22
µF) to guarantee the global stability of
the system.
The antisaturationcircuit allows to reducedrastically
the current peak which takes place during the start
up.
The reset function is LOW active when the output
voltage level is lower than the reset threshold volt-
age VRth (typ.value : VO - 150 mV). When the output
voltage is higher than VRth the reset becomes HIGH
after a delay time settablewith the externalcapacitor
Cd. Typically td = 20 ms, Cd = 0.1
µF. The reset
threshold hysteresis improves the noise immunity
allowing to avoid false switchings. The typical reset
output waveform is shown in fig. 2.
The inhibit circuit acceptsstandardTTL inputlevels :
thisblockswitches off the voltage regulatorwhen the
input signal is HIGH and switches on it when the in-
put signal is LOW. Thanksto inhibit functionthe con-
sumption is drastically reduced (650
µA max) when
no load current is required.
Figure 2 : Typical Reset Output Waveform.
FUNCTIONAL DESCRIPTION
L4923
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com