Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCW66F-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ABCW66F-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCW66F-HF Datasheet(HTML) 3 Page - Comchip Technology

  ABCW66F-HF Datasheet HTML 1Page - Comchip Technology ABCW66F-HF Datasheet HTML 2Page - Comchip Technology ABCW66F-HF Datasheet HTML 3Page - Comchip Technology ABCW66F-HF Datasheet HTML 4Page - Comchip Technology ABCW66F-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rating and Characteristic Curves (ABCW66F/G/H-HF)
Comchip Technology CO., LTD.
Page 3
Fig.1 - hFE ― IC (ABCW66F)
Collector Current, IC (mA)
200
300
400
1
1000
0
Fig.2 - hFE ― IC (ABCW66G)
Collector Current, IC (mA)
1
100
0
REV:A
General Purpose Transistor
Fig.3 - hFE ― IC (ABCW66H)
Collector Current, IC (mA)
0
Fig.4 - VBE(ON) ― IC
0.1
10
Fig.5 - VCE(sat) ― IC
0.1
10
1000
1
100
10
1000
1
Collector Current, IC (mA)
1
100
10
1000
Fig.6 - VBE(sat) ― IC
0.1
100
10
1
AQW-JTR86
10
100
100
VCE=1V
TA= 150°C
TA= 25°C
TA= -55°C
200
300
600
100
400
500
0.1
VCE=1V
TA= 150°C
TA= 25°C
TA= -55°C
200
300
600
100
400
500
700
0.1
VCE=1V
TA= 150°C
TA= 25°C
TA= -55°C
Collector Current, IC (mA)
100
1000
0
200
600
400
800
1000
1200
VCE=1V
TA= 150°C
TA= 25°C
TA= -55°C
1000
10
100
0.1
TA= 150°C
TA= 25°C
TA= -55°C
IC/IB=10
Collector Current, IC (mA)
0
200
600
400
800
1000
1200
1000
IC/IB=10
TA= 150°C
TA= 25°C
TA= -55°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com