Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCW66F-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABCW66F-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCW66F-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABCW66F-HF Datasheet HTML 1Page - Comchip Technology ABCW66F-HF Datasheet HTML 2Page - Comchip Technology ABCW66F-HF Datasheet HTML 3Page - Comchip Technology ABCW66F-HF Datasheet HTML 4Page - Comchip Technology ABCW66F-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Comchip Technology CO., LTD.
Page 2
REV:A
General Purpose Transistor
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-base breakdown voltage
IC = 10μA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
DC current gain
Transition frequency
IC = 10mA, IB = 0
IE = 10μA, IC = 0
VCB = 45V, IE = 0
VCE = 1V, IC = 10mA
IC = 100mA, IB = 10mA
IC = 50mA, VCE = 5V, f = 20MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
hFE(1)
VCE(sat)
fT
V
V
V
nA
nA
V
MHZ
VCE = 1V, IC = 100mA
hFE(2)
IC = 500mA, IB = 50mA
VBE(sat)
V
Typ
Emitter cut-off current
VEB = 4V, IC = 0
IEBO
hFE(3)
IC = 500mA, IB = 50mA
VCE(sat)
Collector-emitter saturation voltage
Base-emitter saturation voltage
VCE = 10V, IC = 0.1mA
IC = 100mA, IB = 10mA
75
45
5
20
20
35
50
180
110
100
250
160
400
250
630
0.3
0.7
1.25
170
2
AQW-JTR86
VBE(sat)
ABCW66F-HF
ABCW66G-HF
ABCW66H-HF
80
75
ABCW66F-HF
ABCW66G-HF
ABCW66H-HF
ABCW66F-HF
ABCW66G-HF
ABCW66H-HF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com