Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCX56-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # ABCX56-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCX56-HF Datasheet(HTML) 5 Page - Comchip Technology

  ABCX56-HF Datasheet HTML 1Page - Comchip Technology ABCX56-HF Datasheet HTML 2Page - Comchip Technology ABCX56-HF Datasheet HTML 3Page - Comchip Technology ABCX56-HF Datasheet HTML 4Page - Comchip Technology ABCX56-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Standard Packaging
Case Type
SOT-89-3L
1,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
General Purpose Transistor
Comchip Technology CO., LTD.
REV:A
Page 5
Marking Code
Marking Code
Part Number
ABCX54-10-HF
BC
ABCX55-10-HF
BG
XX
xx = Product type marking code
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.031
(mm)
0.80
1.40
1.80
0.055
0.071
SOT-89-3L
2.80
0.110
A
B
C
D
0.020
0.50
1.50
0.059
E
F
E
A
B
C
D
F
AQW-JTR92
ABCX56-10-HF
BK
ABCX54-16-HF
BD
ABCX55-16-HF
BM
ABCX56-16-HF
BL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com