Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCX56-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABCX56-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCX56-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABCX56-HF Datasheet HTML 1Page - Comchip Technology ABCX56-HF Datasheet HTML 2Page - Comchip Technology ABCX56-HF Datasheet HTML 3Page - Comchip Technology ABCX56-HF Datasheet HTML 4Page - Comchip Technology ABCX56-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Comchip Technology CO., LTD.
REV:A
Page 2
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TJ=25°C unless otherwise noted)
Collector-base breakdown voltage
IC = 0.1mA, IE = 0A
Collector-emitter breakdown voltage (Note 3)
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain (Note 3)
Collector-emitter saturation voltage (Note 3)
Base-emitter voltage (Note 3)
IC = 10mA, IB = 0A
IE = 10µA, IC = 0A
VCB = 30V, IE = 0A
VEB = 5V, IC = 0A
VCE = 2V, IC = 5mA
IC = 500mA, IB = 50mA
IC = 500mA, VCE = 2V
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE(1)
VCE(sat)
VBE
V
V
V
nA
nA
V
V
Part No.
Range
63~160
100~250
ABCX55-16-HF
Classification Of hFE(2)
Transition frequency
VCE = 5V, IC = 10mA, f = 100MHz
fT
MHZ
VCE = 2V, IC = 150mA
Typ
Typical Rating and Characteristic Curves (ABCX54/55/56-HF Series)
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
1
2
3
4
5
0
50
100
150
200
250
Fig.2 - hFE ― IC
1
10
100
1000
10
100
1000
Collector Current, IC (mA)
AQW-JTR92
ABCX54
ABCX55
ABCX56
ABCX54
ABCX55
ABCX56
hFE(2)
VCE = 2V, IC = 500mA
hFE(3)
45
60
100
45
60
80
5
100
100
250
63
40
25
0.5
1
130
Notes: 1. Measured with the device mounted on 1cm x 1cm x 0.8mm FR-4 board with no copper, in a still air environment with Ta=25°C.
2. Measured with the device mounted on 2.54cm x 2.54cm x 1.6mm FR-4 board with double sided 1oz copper, in a still air environment with Ta=25°C.
3. Pulse test.
Common emitter
Ta=25°C
IB= 0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
1.0mA
Ta=25°C
Common emitter
VCE= 2V
Ta=100°C
ABCX55-10-HF
ABCX54-10-HF
ABCX56-10-HF
ABCX54-16-HF
ABCX56-16-HF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com