Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFMMT720-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # AFMMT720-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AFMMT720-HF Datasheet(HTML) 4 Page - Comchip Technology

  AFMMT720-HF Datasheet HTML 1Page - Comchip Technology AFMMT720-HF Datasheet HTML 2Page - Comchip Technology AFMMT720-HF Datasheet HTML 3Page - Comchip Technology AFMMT720-HF Datasheet HTML 4Page - Comchip Technology AFMMT720-HF Datasheet HTML 5Page - Comchip Technology AFMMT720-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rating and Characteristic Curves (AFMMT720-HF)
Comchip Technology CO., LTD.
Page 4
Fig.7 - hFE ― IC
Collector Current, IC (mA)
1.0
1.2
1.4
0.8
0.4
Fig.8 - VBE ― IC
Collector Current, IC (mA)
REV:A
AQW-JTR84
General Purpose Transistor
1
10000
100
10
1000
0
0.2
0.6
1.0
1.2
1.4
0.8
0.4
0
0.2
0.6
1
10000
100
10
1000
-55°C
100°C
25°C
VCE=2V
-55°C
100°C
25°C
IC/IB=10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com