Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFMMT720-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AFMMT720-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AFMMT720-HF Datasheet(HTML) 2 Page - Comchip Technology

  AFMMT720-HF Datasheet HTML 1Page - Comchip Technology AFMMT720-HF Datasheet HTML 2Page - Comchip Technology AFMMT720-HF Datasheet HTML 3Page - Comchip Technology AFMMT720-HF Datasheet HTML 4Page - Comchip Technology AFMMT720-HF Datasheet HTML 5Page - Comchip Technology AFMMT720-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Comchip Technology CO., LTD.
Page 2
REV:A
AQW-JTR84
General Purpose Transistor
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-base breakdown voltage
IC = -100μA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
DC current gain (Note 1)
Transition frequency
Output capacitance
IC = -10mA, IB = 0
IE = -100μA, IC = 0
VCB = -35V, IE = 0
VCE = -2V, IC = -100mA
IC = -0.1A, IB = -10mA
VCE = -10V, IC = -50mA, f = 100MHZ
VCB = -10V, f = 1MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
hFE(1)
VCE(sat)
fT
Cob
V
V
V
µA
µA
V
MHZ
P
F
VCE = -2V, IC = -1A
hFE(2)
IC = -1.5A, IB = -75mA
VBE(sat)
V
Typ
Emitter cut-off current
VEB = -4V, IC = 0
IEBO
VCE = -2V, IC = -1.5A
hFE(3)
VCE = -2V, IC = -3A
hFE(5)
IC = -1A, IB = -50mA
VCE(sat)
IC = -1.5A, VCE = -2V
VBE(on)
V
Collector-emitter saturation voltage
Base-emitter saturation voltage
Base-emitter voltage
VCE = -2V, IC = -10mA
hFE(4)
IC = -1.5A, IB = -100mA
VCE(sat)
t(on)
t(off)
Turn-on time
Turn-off time
-40
-40
-5
-95
-85
-8.8
-0.1
-0.1
300
480
300
450
180
290
60
130
12
22
0.025
0.040
0.150
0.220
0.245
0.330
-1.2
150
190
-1.0
-0.8
19
25
40
435
VCC = -15V, IC = -0.75A, IB1 = IB2 = -15mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com