Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QWT12-R5 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QWT12-R5
Description  Low Power Waveguide Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QWT12-R5 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QWT12-R5 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Power Waveguide Termination
Qualwave Inc.
+86-15-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QWT12-R5
WR-12, 0.5W
Features:
Applications:
* Low VSWR
* Transmitters
* Antennas
* Laboratory Test
* Impedance Matching
Electrical
Frequency:
60.5~91.9GHz
Average Power:
0.5W
VSWR:
1.15 max.
Mechanical
Waveguide Size:
WR-12 (BJ740)
Flange:
FUGP740
Environmental
Temperature:
-55~+125
℃
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]
How To Order
QWT12-R5-Y-Z
Y : Material
Z : Flange type
Material naming rules:
B
- Brass(Outline A)
Flange naming rules:
6 - FUGP740 (Outline A)
Examples:
To order a low power waveguide termination, WR-12, 0.5W, Brass,
FUGP740, specify QWT12-R5-B-6.
Customization is available upon request.


Similar Part No. - QWT12-R5

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QWT1-R5 QUALWAVE-QWT1-R5 Datasheet
124Kb / 1P
Waveguide Termination
Rev 1.1
QWT1.5-R5 QUALWAVE-QWT1.5-R5 Datasheet
125Kb / 1P
Waveguide Termination
Rev 1.1
QWT1.9-R5 QUALWAVE-QWT1.9-R5 Datasheet
125Kb / 1P
Waveguide Termination
Rev 1.1
QWT10-R5 QUALWAVE-QWT10-R5 Datasheet
127Kb / 1P
Waveguide Termination
Rev 1.1
QWT112-1K QUALWAVE-QWT112-1K Datasheet
178Kb / 1P
High Power Waveguide Termination
Rev 1.1
More results

Similar Description - QWT12-R5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF3523XNT BOURNS-CHF3523XNT Datasheet
197Kb / 1P
Power RF Chip Termination
logo
Aeroflex Circuit Techno...
1445A AEROFLEX-1445A Datasheet
89Kb / 1P
Medium Power Coaxial Termination
logo
Bourns Electronic Solut...
CHF3523CNT500LW BOURNS-CHF3523CNT500LW Datasheet
198Kb / 1P
Power RF Chip Termination
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
Low Voltage DDR Termination Regulator
logo
Keysight Technologies
E8486A KEYSIGHT-E8486A Datasheet
165Kb / 6P
Waveguide Power Sensors
logo
API Technologies Corp
1490 APITECH-1490 Datasheet
132Kb / 1P
High Power Termination
1491LIM APITECH-1491LIM Datasheet
144Kb / 2P
Low PIM Termination
1492LIM APITECH-1492LIM Datasheet
85Kb / 1P
Low PIM Termination
logo
Semtech Corporation
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
Low Voltage DDR Termination Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com