Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3146 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3146 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3146 Datasheet HTML 1Page - RF Micro Devices RF3146 Datasheet HTML 2Page - RF Micro Devices RF3146 Datasheet HTML 3Page - RF Micro Devices RF3146 Datasheet HTML 4Page - RF Micro Devices RF3146 Datasheet HTML 5Page - RF Micro Devices RF3146 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
4-27
RF3146
Rev A15 DS060317 W3
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (GSM850 Mode)
Temp=+25 °C, V
BATT =3.5 V,
V
RAMP =V
RAMP MAX, PIN=3dBm,
Freq=824MHz to 849MHz,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
824 to 849
MHz
Maximum Output Power
+34.2
dBm
Temp = 25°C, V
BATT =3.5 V,
V
RAMP=V
RAMP MAX
+32.0
dBm
Temp=+85 °C, V
BATT =3.0 V,
V
RAMP=V
RAMP MAX
Total Efficiency
47
55
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-88
-81
dBm
RBW=100kHz, 869MHz to 894MHz,
POUT > +5dBm
Forward Isolation 1
-50
-35
dBm
TXEnable=Low, PIN=+5dBm
Forward Isolation 2
-35
-15
dBm
TXEnable=High, PIN=+5dBm, VRAMP=0.2V
Cross Band Isolation at 2f0
-18
dBm
VRAMP=0.2V to VRAMP_RP
Second Harmonic
-15
-7
dBm
VRAMP=0.2V to VRAMP_RP
Third Harmonic
-25
-15
dBm
VRAMP=0.2V to VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.2V to VRAMP MAX
Input Impedance
50
Ω
Input VSWR
2.5:1
VRAMP=0.2V to VRAMP MAX
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Set VRAMP where POUT<34.2dBm into 50Ω
load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<34.2dBm into 50Ω
load. No damage or permanent degradation to
part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control VRAMP
Power Control Range
55
dB
V
RAMP =0.2 V to V
RAMP MAX
Notes:
VRAMP MAX=0.4*VBATT+0.06<1.5V
VRAMP_RP=VRAMP set for 34.2dBm at nominal conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com