Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3146 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3146 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3146 Datasheet HTML 1Page - RF Micro Devices RF3146 Datasheet HTML 2Page - RF Micro Devices RF3146 Datasheet HTML 3Page - RF Micro Devices RF3146 Datasheet HTML 4Page - RF Micro Devices RF3146 Datasheet HTML 5Page - RF Micro Devices RF3146 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4-29
RF3146
Rev A15 DS060317 W3
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (DCS Mode)
Temp=25°C, VBATT=3.5V,
V
RAMP=VRAMP MAX, PIN =3dBm,
Freq=1710MHz to 1785MHz,
25% Duty Cycle, pulse width=1154
μs
Operating Frequency Range
1710 to 1785
MHz
Maximum Output Power
+32.0
dBm
Temp=25°C, VBATT=3.5V,
V
RAMP =VRAMP MAX
30
dBm
Temp=+85°C, VBATT=3.0V,
V
RAMP=VRAMP MAX
Total Efficiency
45
52
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-85
-80
dBm
RBW=100kHz, 1805MHz to 1880MHz, POUT
> 0dBm, VBATT=3.5V
Forward Isolation 1
-50
-35
dBm
TXEnable=Low, PIN=+5dBm
Forward Isolation 2
-25
-15
dBm
TXEnable=High, VRAMP=0.2V, PIN=+5dBm
Second Harmonic
-15
-7
dBm
VRAMP=0.2V to VRAMP_RP
Third Harmonic
-20
-15
dBm
VRAMP=0.2V to VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.2V to VRAMP MAX
Input Impedance
50
Ω
Input VSWR
2.5:1
VRAMP=0.2V to VRAMP MAX
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Set VRAMP where POUT<32.0dBm into 50Ω
load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<32.0dBm into 50Ω
load. No damage or permanent degradation to
part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pin
Power Control VRAMP
Power Control Range
50
dB
VRAMP=0.2V to VRAMP MAX, PIN=+5dBm
Notes:
VRAMP MAX=0.4*VBATT+0.06<1.5V
VRAMP_RP=VRAMP set for 32.0dBm at nominal conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com