Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3166SB Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3166SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166SB Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3166SB Datasheet HTML 3Page - RF Micro Devices RF3166SB Datasheet HTML 4Page - RF Micro Devices RF3166SB Datasheet HTML 5Page - RF Micro Devices RF3166SB Datasheet HTML 6Page - RF Micro Devices RF3166SB Datasheet HTML 7Page - RF Micro Devices RF3166SB Datasheet HTML 8Page - RF Micro Devices RF3166SB Datasheet HTML 9Page - RF Micro Devices RF3166SB Datasheet HTML 10Page - RF Micro Devices RF3166SB Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1
DCS/PCS IN RF input to the DCS band. This is a 50Ω input.
2
BAND SELECT
Allows external control to select the GSM or DCS band with a logic high or
low. A logic low enables the GSM band whereas a logic high enables the
DCS band.
3
TX ENABLE
This signal enables the PA module for operation with a logic high.
4VBATT
Power supply for the module. This should be connected to the battery.
5GND
6
VRAMP
Ramping signal from DAC. A 300kHz lowpass filter is integrated into the
CMOS. No external filtering is required.
7GSM IN
RF input to the GSM band. This is a 50
Ω input.
8GSM OUT
RF output for the GSM band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
9
DCS/PCS
OUT
RF output for the DCS band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
Pkg
Base
GND
GSMCTRL
DCSCTRL
BANDSEL
TXEN
TX EN
VBATT
TX ON
VR AM P
30 0 kH z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com