Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3166SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3166SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166SB Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3166SB Datasheet HTML 5Page - RF Micro Devices RF3166SB Datasheet HTML 6Page - RF Micro Devices RF3166SB Datasheet HTML 7Page - RF Micro Devices RF3166SB Datasheet HTML 8Page - RF Micro Devices RF3166SB Datasheet HTML 9Page - RF Micro Devices RF3166SB Datasheet HTML 10Page - RF Micro Devices RF3166SB Datasheet HTML 11Page - RF Micro Devices RF3166SB Datasheet HTML 12Page - RF Micro Devices RF3166SB Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Evaluation Board Schematic
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
DCS/PCS IN
BAND SELECT
TX ENABLE
VBATT
VRAMP
GSM IN
DCS/PCS OUT
GSM OUT
9
1
3
2
6
5
4
8
7
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
BAND SELECT
TX ENABLE
VBATT
VRAMP
22
μF*
Notes:
* The value of the VBATT decoupling capacitor depends on the noise level of the phone board.
Capacitor type may be either tantalum or ceramic. Some applications may not require this capacitor.
1. All the PA output measurements are referenced to the PA output pad (pins 8 and 9).
2. The 50
Ω μstrip between the PA output pad and the SMA connector has an approximate insertion loss
of 0.1 dB for GSM850/EGSM900 and 0.2 dB for DCS1800/PCS1900 bands.
GND
P1
1
CON1
DCS/PCS IN
GSM IN
DCS/PCS OUT
GSM OUT
VCC
P2
1
CON1
P2-1
9
1
3
2
6
5
4
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com