Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938ED Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4938ED
Description  ADVANCED VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 1 Page - STMicroelectronics

  L4938ED Datasheet HTML 1Page - STMicroelectronics L4938ED Datasheet HTML 2Page - STMicroelectronics L4938ED Datasheet HTML 3Page - STMicroelectronics L4938ED Datasheet HTML 4Page - STMicroelectronics L4938ED Datasheet HTML 5Page - STMicroelectronics L4938ED Datasheet HTML 6Page - STMicroelectronics L4938ED Datasheet HTML 7Page - STMicroelectronics L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
L4938E/ED
L4938EPD
ADVANCED VOLTAGE REGULATOR
ENABLE AND SENSE INPUTS (EN, SI) PRO-
TECTED AGAINST NEGATIVE TRANSIENTS
DOWN TO -5V
RESET THRESHOLD ADJUSTABLE FROM
3.8 TO 4.7V
EXTREMELY LOW QUIESCENT CURRENT,
65
µA (LESS THAN 90µA) IN STANDBY
MODE
OPERATING DC SUPPLY VOLTAGE RANGE
5V - 28V
OPERATING TRANSIENT SUPPLY VOLT-
AGE UP TO 40V
HIGH PRECISION STANDBY OUTPUT VOLT-
AGE 5V
± 1% WITH 100mA CURRENT CA-
PABILITY
OUTPUT 2 VOLTAGE 5V
± 2% WITH 400mA
CURRENT CAPABILITY (ADJ WIRED TO
VOUT2)
OUTPUT 2 VOLTAGE ADJUSTABLE BY EX-
TERNAL VOLTAGE DIVIDER
OUTPUT
2
DISABLE
FUNCTION
FOR
STANDBY MODE
DESCRIPTION
The L4938E/ED/EPD is a monolithic integrated
dual voltage regulator with two very low dropout
outputs and additional functions as power-on re-
set and input voltage sense. It is designed for
supplying the microcomputer controlled systems
especially in automotive applications.
February 1999
®
PIN CONNECTIONS
DIP (12+2+2)
SO20 (12+4+4)
PowerSO20
ORDERING NUMBERS: L4938E (DIP)
L4938ED (SO)
L4938EPD (PSO)
PR
CT
EN
GND
GND
SO
RES
1
3
2
4
5
6
7
OUT2
GND
N.C.
GND
VS2
VS1
SI
16
15
14
13
12
10
11
D94AT075A
OUT1
8
ADJ
9
DIP (12+2+2)
PR
CT
EN
GND
GND
GND
GND
RES
SO
OUT2
N.C.
GND
GND
GND
GND
VS2
VS1
SI
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
OUT1
ADJ
D94AT076A
SO (12+4+4)
GND
N.C.
N.C.
V
S2
VS1
PR
SI
CT
EN
N.C.
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
L4938EPD
N.C.
RESET
OUT1
SO
ADJ
OUT2
N.C.
GND
PowerSO20
1/12


Similar Part No. - L4938ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938ED STMICROELECTRONICS-L4938ED Datasheet
276Kb / 20P
Advanced voltage regulator
20-Sep-2013
L4938ED STMICROELECTRONICS-L4938ED Datasheet
275Kb / 20P
Advanced voltage regulator
20-Sep-2013
L4938ED-E STMICROELECTRONICS-L4938ED-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4938ED013TR STMICROELECTRONICS-L4938ED013TR Datasheet
275Kb / 20P
Advanced voltage regulator
20-Sep-2013
L4938ED STMICROELECTRONICS-L4938ED_V01 Datasheet
275Kb / 20P
Advanced voltage regulator
20-Sep-2013
More results

Similar Description - L4938ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936E STMICROELECTRONICS-L4936E Datasheet
96Kb / 11P
ADVANCED VOLTAGE REGULATOR
Jun-2000
logo
Semtech Corporation
MP60G SEMTECH-MP60G Datasheet
25Kb / 4P
VOLTAGE REGULATOR MODULE FOR INTEL ADVANCED PROCESSORS
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
350mA Advanced Current Regulator
logo
STMicroelectronics
L4938EP STMICROELECTRONICS-L4938EP Datasheet
276Kb / 20P
Advanced voltage regulator
20-Sep-2013
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com