Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAS4F313009XXX Datasheet(PDF) 4 Page - Amphenol Communications Solutions

Part # PSAS4F313009XXX
Description  SAS/PCIe® 4.0 (U.2&U.3) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

PSAS4F313009XXX Datasheet(HTML) 4 Page - Amphenol Communications Solutions

  PSAS4F313009XXX Datasheet HTML 1Page - Amphenol Communications Solutions PSAS4F313009XXX Datasheet HTML 2Page - Amphenol Communications Solutions PSAS4F313009XXX Datasheet HTML 3Page - Amphenol Communications Solutions PSAS4F313009XXX Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
SAS/PCIe® 4.0 (U.2&U.3) Connectors
PART NUMBERS
Note: More options are available upon request. Please contact your local sales representative.
SAS/PCIe 4.0 Header
Application
Orientation
Termination
Type
Retainers
Height
(mm)
Mount Type
Impedance
Others
Part Numbers
U.2
Vertical
SMT
SMT
8.35
Top mount
92Ω
-
PSAS4M313006XXX
U.2
Right Angle
SMT
SMT
2.55
Sink type
92Ω
-
PSAS4M213008XXX
U.2
Right Angle
SMT
SMT
4.00
Sink type
92Ω
-
PSAS4M213002XXX
U.2&U.3
Right Angle
SMT
SMT
2.55
Sink type
92Ω
-
PSAS4M213001XXX
U.2&U.3
Right Angle
SMT
SMT
-
Straddle
Mount
92Ω
With SIO
pins
PSAS4M213012XXX
U.2
R/A
SMT
SMT
5.3mm
Top mount
85ohm
-
PSAS4M213018xxx
U.2
R/A
SMT
SMT
2.75mm
Top mount
85ohm
-
PSAS4M213017xxx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com