Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAS4F313009XXX Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # PSAS4F313009XXX
Description  SAS/PCIe® 4.0 (U.2&U.3) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

PSAS4F313009XXX Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  PSAS4F313009XXX Datasheet HTML 1Page - Amphenol Communications Solutions PSAS4F313009XXX Datasheet HTML 2Page - Amphenol Communications Solutions PSAS4F313009XXX Datasheet HTML 3Page - Amphenol Communications Solutions PSAS4F313009XXX Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
HIGH SPEED MULTI-PROTOCOL
DESIGN WITH FLEXIBILITIES
SAS/PCIe® 4.0
(U.2&U.3)
connectors
come
with
16GT/s (PCIe® lanes) or 24Gb/s (SAS lanes) speeds to
meet the demands of next-generation servers. The
68-position, SAS/PCIe® receptacle and header enables
implementation of high speed Serial Attached SCSI (SAS)
hard disk drive (HDD) interface as well as Peripheral
Component Express (PCIe®)-based devices. The molded
guide post allows device plug and receptacle to self-
align during mating process. With halogen-free high
temperature thermoplastic, these connectors are made
to withstand diverse conditions. It also offers a durability
of 500 mating cycles.
TARGET MARKETS
SAS/PCIe® 4.0 (U.2&U.3) Connectors
§ Compatible with SFF8639 specification
§ Capable of meeting 24Gb/s SSDs and HDDs or PCle®
based devices at 16GT/s
§ Footprint backward compatible to 12G, 6G and 3G SAS
connectors
FEATURES
BENEFITS
§
Receptacles are inter-mateable with unshielded dual port
SFF8680 (SAS 3.0 or SAS 4.0) connectors
§
Offers flexibility in component selection
§
SAS/PCIe® connectors enable SFF8630, SFF8680 and
SFF8432 interfaces
§
Implementation of high speed SSDs (Solid State Drives)
and HDDs (Hard Disk Drives) allows compatibility between
unshielded dual and multiport interfaces
§
Backward compatible with 12Gb/s, 6Gb/s SAS, SATA and
3Gb/s SFF8482 connectors
§
Same interface can be used for cost-effective storage
HDDs as well as higher performance server SSDs
§
Supports up to 4 port 16GT/s PCIe® based devices
§
Improves performance and faster file transfers
§
Supports both SAS and SATA drives
§
Addresses the needs of both mission critical and bulk
storage applications
§
Staggered contact lengths
§
Provides sequential contact mating for hot plugging
§
Stamped clips act as connector retainers for robust PCB
attachment
§
Provide additional mechanical strength after soldering
§
Molded guideposts help mating halves to self-align by
providing angled lead-ins
§
Compensates for connector misalignment


Similar Part No. - PSAS4F313009XXX

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
PSAS5F2130021TR AMPHENOLCS-PSAS5F2130021TR Datasheet
368Kb / 2P
SAS/PCIe 5.0 (U.2 & U.3) Connectors
PSAS5F3130021TR AMPHENOLCS-PSAS5F3130021TR Datasheet
368Kb / 2P
SAS/PCIe 5.0 (U.2 & U.3) Connectors
PSAS5F3130031TR AMPHENOLCS-PSAS5F3130031TR Datasheet
368Kb / 2P
SAS/PCIe 5.0 (U.2 & U.3) Connectors
PSAS5F3130081TR AMPHENOLCS-PSAS5F3130081TR Datasheet
368Kb / 2P
SAS/PCIe 5.0 (U.2 & U.3) Connectors
PSAS5M2130021TR AMPHENOLCS-PSAS5M2130021TR Datasheet
368Kb / 2P
SAS/PCIe 5.0 (U.2 & U.3) Connectors
More results

Similar Description - PSAS4F313009XXX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
logo
AVAGO TECHNOLOGIES LIMI...
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
PCIe 3.0 SATASAS RAID Controllers
logo
Powerbox
PBB7C POWERBOX-PBB7C Datasheet
255Kb / 2P
1 0 0 - 2 2 5W - A C / D C D U A L O U T P U T
logo
PHOENIX CONTACT
2902042 PHOENIX-2902042 Datasheet
91Kb / 6P
Signal conditioner - MINI MCR-2-U-U
logo
Tripp Lite. All Rights ...
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
PCE-U2-PX4 TRIPPLITE-PCE-U2-PX4 Datasheet
44Kb / 2P
U.2 to PCIe Adapter for 2.5" NVMe U.2 SSD, SFF- 8639, PCI Express (x4) Card
logo
Kingston Technology Far...
SEDC1500M KINGSTON-SEDC1500M Datasheet
219Kb / 2P
DC1500M U.2 ENTERPRISE SSD
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
logo
Advantech Co., Ltd.
SQF-C25920-D ADVANTECH-SQF-C25920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 U.2 2.5" SSD (SFF-8639)
1-Jun-2022
SQF-CU2-ER-1 ADVANTECH-SQF-CU2-ER-1 Datasheet
379Kb / 1P
PCIe Gen.4 x4 U.2 2.5" SSD
29-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com