Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-40-M-LS-R2SB Datasheet(PDF) 1 Page - Festo Corporation.

Part # EMMT-AS-40-M-LS-R2SB
Description  Servo Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-40-M-LS-R2SB Datasheet(HTML) 1 Page - Festo Corporation.

  EMMT-AS-40-M-LS-R2SB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-40-M-LS-R2SB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-40-M-LS-R2SB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Servo Motor
EMMT-AS-40-M-LS-R2SB
Part number: 8171418
General operating condition
Data sheet
Feature
Value
Ambient temperature
-40 °C ... 40 °C
Note on ambient temperature
Up to 80 °C with derating of -2.25% per degree Celsius
Max. installation height
4000 m
Information on max. installation height
with 1,000 m and longer only with derating of -1.0% per 100 m
Storage temperature
-40 °C ... 70 °C
Relative air humidity
0 - 90 %
Conforms to standard
IEC 60034
Thermal class according to EN 60034-1
F
Max. winding temperature
155 °C
Rating class according to EN 60034-1
S1
Temperature monitoring
Digital motor temperature transmission via EnDat® 2.2
Motor type as per EN 60034-7
IM B5
IM V1
IM V3
Mounting position
Any
Degree of protection
IP40
Note on degree of protection
IP65 for motor shaft with rotary shaft seal
IP67 for motor housing, incl. connection technology
Concentricity, coaxiality, axial runout according to DIN SPEC 42955
N
Balancing quality
G 2.5
Detent torque
<1.0% of peak torque
Bearing lifetime, under nominal conditions
20000 h
Interface code, motor out
40P
Electrical connection 1, connection type
Hybrid plug
Electrical connection 1, connection technology
M23x1
Electrical connection 1, number of pins/wires
15
Electrical connection for input 1, connection pattern
00995913
Contamination level
2
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Certification
RCM compliance mark
c UL us - Recognized (OL)
1/4/26 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - EMMT-AS-40-M-LS-R2SB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMT-AS-40-M-LS-R2S FESTO-EMMT-AS-40-M-LS-R2S Datasheet
75Kb / 2P
Servo Motor
More results

Similar Description - EMMT-AS-40-M-LS-R2SB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMS-AS-40-S-LS-TS FESTO-EMMS-AS-40-S-LS-TS Datasheet
92Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RR FESTO-EMMS-AS-55-M-HS-RR Datasheet
105Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RRB FESTO-EMMS-AS-55-M-HS-RRB Datasheet
106Kb / 2P
Servo motor
EMMS-AS-55-MK-HS-TS-S1 FESTO-EMMS-AS-55-MK-HS-TS-S1 Datasheet
90Kb / 2P
Servo motor
EMMS-AS-55-M-LS-RRB FESTO-EMMS-AS-55-M-LS-RRB Datasheet
106Kb / 2P
Servo motor
EMME-AS-80-S-LS-AMB FESTO-EMME-AS-80-S-LS-AMB Datasheet
82Kb / 2P
Servo motor
EMME-AS-100-M-HS-AM FESTO-EMME-AS-100-M-HS-AM Datasheet
79Kb / 2P
Servo motor
EMME-AS-100-MK-HS-AMX FESTO-EMME-AS-100-MK-HS-AMX Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AM FESTO-EMME-AS-100-S-HS-AM Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AMX FESTO-EMME-AS-100-S-HS-AMX Datasheet
82Kb / 2P
Servo motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com