Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-40-M-LS-R2SB Datasheet(PDF) 3 Page - Festo Corporation.

Part # EMMT-AS-40-M-LS-R2SB
Description  Servo Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-40-M-LS-R2SB Datasheet(HTML) 3 Page - Festo Corporation.

  EMMT-AS-40-M-LS-R2SB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-40-M-LS-R2SB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-40-M-LS-R2SB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
DC brake response delay
≤8 ms
Max. brake no-load speed
12000 rpm
Max. friction work per braking operation
1500 J
Number of emergency stops per hour
1
Total brake friction work
1.5 kJ
Brake mass moment of inertia
0.0058 kgcm²
Switching cycles, holding brake
10 million idle actuations (without friction work!)
MTTF, subcomponent
190 years, rotor position sensor
1/4/26 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com