Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4945 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4945
Description  5V VERY LOW DROP VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4945 Datasheet(HTML) 2 Page - STMicroelectronics

  L4945 Datasheet HTML 1Page - STMicroelectronics L4945 Datasheet HTML 2Page - STMicroelectronics L4945 Datasheet HTML 3Page - STMicroelectronics L4945 Datasheet HTML 4Page - STMicroelectronics L4945 Datasheet HTML 5Page - STMicroelectronics L4945 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
DC Reverse Input Voltage
Transient Input Overvoltages :
Load Dump :
5ms
≤ trise ≤ 10ms
τf Fall Time Constant = 100ms
RSOURCE
≥ 0.5Ω
Field Decay :
5ms
≤ tfall ≤ 10ms, RSOURCE ≥ 10Ω
τr Rise Time Constant = 33ms
Low Energy Spike :
trise =1
µs, tfall = 500µs, RSOURCE ≥ 10Ω
fr Repetition Frequency = 5Hz
35
–18
80
–80
± 100
V
V
V
V
V
TJ
Junction Temperature Range
– 40 to 150
°C
TOP
Operating Temperature Range
– 40 to 125
°C
Tstg
Storage Temperature Range
– 55 to 150
°C
Note: The circuit is ESD protected according to MIL-STD-883C.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
3
°C/W
PIN CONNECTION (Top view)
L4945
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com