Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4945 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4945
Description  5V VERY LOW DROP VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4945 Datasheet(HTML) 3 Page - STMicroelectronics

  L4945 Datasheet HTML 1Page - STMicroelectronics L4945 Datasheet HTML 2Page - STMicroelectronics L4945 Datasheet HTML 3Page - STMicroelectronics L4945 Datasheet HTML 4Page - STMicroelectronics L4945 Datasheet HTML 5Page - STMicroelectronics L4945 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FUNCTIONAL DESCRIPTION
The block diagram shows the basic structure of
the devices : the reference, the error amplifier, the
driver, the power PNP, the protection and reset
functions.
The power stage is a Lateral PNP transistor
which allows a very low dropout voltage (typ.
400mV at TJ =25
°C, max. 750mV over the full
temperature range @ IO = 500mA). The typical
curve of the dropout voltage as a function of the
junction temperature is shown in Fig. 1 : that is
the worst case, where IO = 500mA.
The current consumption of the devices (quies-
cent current) are maximum 10mA - over full T -
when no load current is required.
The internal antisaturation circuit allows a drastic
reduction in the current peak which takes place
during the start up.
The three gain stages (operational amplifier,
driver and power PNP) require the external ca-
pacitor (Comin =20
µF) to guarantee the global
stability of the system.
Load dump and field decay protections (
± 80V, t =
300ms), reverse voltage (– 18V) and short circuit
protection, thermal shutdown are the main fea-
tures that make the devices specially suitable for
applications in the automotive enviroment.
ELECTRICAL CHARACTERISTICS (refer to the test circuit, Vi = 14. 4V, Co =47
µF, ESR < 10Ω,
Rp =1K
Ω,RL =1KΩ, –40°C ≤ TJ ≤ 125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 0mA to 500mA
Over Full T Range
4.80
5.00
5.20
V
Tj =25
°C
4.90
5.00
5.10
V
Vi
Operating Input Voltage
Io = 0mA to (*) 500mA
6
26
V
∆Vo
Line Regulation
Vi = 6V to 26V ;
Io = 5mA
210
mV
∆Vo
Load Regulation
Io = 5mA to 500mA
15
60
mV
Vi –Vo
Dropout Voltage
Io = 500mA, TJ =25
°C
Over Full T Range
0.40
0.55
0.75
V
V
Iq
Quiescent Current
Io = 0mA, TJ =25
°C
Io = 0mA Over Full T
Io = 500mA Over Full T
5
6.5
110
10
13
180
mA
mA
mA
Temperature Output Voltage
Drift
– 0.5
mV/
°C
SVR
Supply Volt. Rej.
Io = 350mA ; f = 120Hz
Co = 100
µF;
Vi = 12V
± 5Vpp
50
60
dB
Isc
Output Short Circuit Current
0.50
0.80
1.50
A
(*) For a DC voltage 26 < Vi < 37V the device is not operating
∆Vo
T
TEST CIRCUIT
L4945
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com