Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4947 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4947
Description  5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4947 Datasheet(HTML) 4 Page - STMicroelectronics

  L4947 Datasheet HTML 1Page - STMicroelectronics L4947 Datasheet HTML 2Page - STMicroelectronics L4947 Datasheet HTML 3Page - STMicroelectronics L4947 Datasheet HTML 4Page - STMicroelectronics L4947 Datasheet HTML 5Page - STMicroelectronics L4947 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The current consumption of the device (quiescent
current) is maximum 13mA - over full T - when no
load current is required.
The internal antisaturation circuit allows a drastic
reduction in the current peak which takes place
during the start up.
The reset function supervises the regulator output
voltage inhibiting the microprocessor when the
device is out of regulation and resetting it at the
power-on after a settable delay. The reset is LOW
when the output voltage value is lower than the
reset threshold voltage. At the power-on phase
the output voltage increases (see Fig. 2) and -
when it reaches the power-on VO threshold VRT
(On) - the reset output becomes HIGH after a de-
lay time set by the external capacitor Cd. At the
power-off the output voltage decreases : at the
VRT(Off) threshold value (VO-0.15V typ. for L4947
and VO-0.3V typ. for L4947R value) the reset out-
put instantaneously goes down (LOW status) in-
hibiting the microprocessor. The typical power on-
off hysteresis is 50mV.
The three gain stages (operational amplifier,
driver and power PNP) require the external ca-
pacitor (Comin =20
µF) to guarantee the global
stability of the system.
Load dump and field decay protections (
± 80V),
reverse voltage (– 18V) and short circuit protec-
tion, thermal shutdown are the main features that
make the L4947/L4947Rspecially suitable for ap-
plications in the automotive enviroment.
EXTERNAL COMPENSATION
Since the purpose of a voltage regulator is to sup-
ply and load variations, the open loop gain of the
regulator must be very high at low frequencies.
This may cause instability as a result of the vari-
ous poles present in the loop. To avoid this insta-
bility dominant pole compensation is used to re-
duce phase shift due to other poles at the unity
gain frequency. The lower the frequency of these
others poles at the unity gain frequency. The
lower the frequency of these other poles, the
greater must be capacitor esed to create the
dominant pole for the same DC gain.
Where the output transistor is a lateral PNP type
there is a pole in the regulation loop at a fre-
quencybtoo low to be compensated by a capaci-
tor which can be integrated. An external compen-
sation is therefore necessary so a very high value
capacitor must be connected from the output to
ground.
The paeassitic equivalent series resistance of the
capacitor used adds a zero to the regulation loop.
This zero may compromise the stability of the
system since its effect tends to cancel the effect
of the pole added. In regulators this ESR must be
less than 3
Ω and the minimum capacitor value is
47
µF.
Figure 1: Typical Dropout Voltage vs. Tj
(Io = 500mA).
Figure 2: Reset Waveforms:
(1) Without External Capacitor Cd.
(2) With External Capacitor Cd.
L4947 - L4947R
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com