Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4947 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4947
Description  5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4947 Datasheet(HTML) 1 Page - STMicroelectronics

  L4947 Datasheet HTML 1Page - STMicroelectronics L4947 Datasheet HTML 2Page - STMicroelectronics L4947 Datasheet HTML 3Page - STMicroelectronics L4947 Datasheet HTML 4Page - STMicroelectronics L4947 Datasheet HTML 5Page - STMicroelectronics L4947 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L4947
L4947R
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PRECISE OUTPUT VOLTAGE (5V
± 4%)
OVER FULL TEMPERATURE RANGE
(– 40 / 125
°C)
VERY LOW VOLTAGE DROP (0.75Vmax)
OVER FULL T RANGE
OUTPUT CURRENT UP TO 500mA
RESET FUNCTION
POWER-ON RESET DELAY PULSE DE-
FINED BY THE EXTERNAL CAPACITOR
+ 80V LOAD DUMP PROTECTION
– 80V LOAD DUMP PROTECTION
REVERSE VOLTAGE PROTECTION
SHORT CIRCUIT PROTECTION AND THER-
MAL SHUT-DOWN (with hysteresis)
LOW START UP CURRENT
DESCRIPTION
The L4947/L494 7R is a monolithic integrated cir-
cuit in Pentawatt package specially designed to
provide a stabilized supply voltage for automotive
and industrial electronic systems. Thanks to its
very low voltage drop, in automotive applications
the L4947/L4947R can work correctly even during
the cranking phase, when the battery voltage
could fall as low as 6V. Furthermore, it incorpo-
rates a complete range of protection circuits
against the dangerous overvoltages always pre-
sent on the battery rail of the car. The reset func-
tion makes the device particularly suited to supply
microprocessor based systems : a signal is avail-
able (after an externally programmable delay) to
reset the microprocessor at power-on phase ; at
power-off, this signal becomes low inhibiting the
microprocessor.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 2000
®
BLOCK DIAGRAM
Pentawatt
ORDERING NUMBERS: L4947
L4947R
1/6


Similar Part No. - L4947

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L4947 ETC2-L4947 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
More results

Similar Description - L4947

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com