Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP04SC-1HT Datasheet(PDF) 13 Page - SpectraLinear Inc

Part # SL23EP04SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04SC-1HT Datasheet(HTML) 13 Page - SpectraLinear Inc

Back Button SL23EP04SC-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 13Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 14Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev 1.1, May 25, 2007
Page 13 of 14
SL23EP04
Package Outline and Package Dimensions
8-Pin SOIC (150 Mil)
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
JA
Still air
-
150
-
°C/W
JA
1m/s air flow
-
140
-
°C/W
Thermal Resistance
Junction to Ambient
JA
3m/s air flow
-
120
-
°C/W
Thermal Resistance
Junction to Case
JC
Independent of air flow
-
40
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com