Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP04SC-1HT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SL23EP04SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04SC-1HT Datasheet(HTML) 1 Page - SpectraLinear Inc

  SL23EP04SC-1HT Datasheet HTML 1Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP04SC-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev 1.1, May 25, 2007
Page 1 of 14
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL23EP04
Key Features
10 to 220 MHz operating frequency range
Low output clock skew: 60ps-typ
Low output clock Jitter:
- 35 ps-typ at 166MHz, CL=15pF and VDD=3.3V
- 45 ps-typ at 166MHz, CL=15pF and VDD=2.5V
Low part-to-part output skew: 150 ps-typ
3.3V to 2.5V power supply range
Low power dissipation:
- 12 mA-typ at 66MHz and VDD=3.3V
- 10 mA-typ at 66MHz and VDD=2.5V
One input drives 4 outputs
Multiple configurations and drive options
SpreadThru™ PLL that allows use of SSCG
Available in 8-pin SOIC package
Available in Commercial and Industrial grades
Applications
Printers, MFPs and Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Datacom and Telecom
High-Speed Digital Embeded Systems
Description
The SL23EP04 is a low skew, low jitter and low power
Zero Delay Buffer (ZDB) designed to produce up to four
(4) clock outputs from one (1) reference input clock, for
high speed clock distribution applications.
The product has an on-chip PLL and a feedback pin
(FBK) which can be used to obtain feedback from any
one of the 4 output clocks. The SL23EP04 offers X/2,1X
and 2X frequency options at the output with respect to
input reference clock. Refer to the “Product Configuration
Table” for the details of these options.
The SL23EP04-1H and -2H High Drive version operates
up to 220 MHz and 200MHz at 3.3 and 2.5V power
supplies respectively. The standard versions -1 and -2
operate up to 167MHz and 135MHz at 3.3V and 2.5V
power supplies respectively with CL=15pF output load.
The SL23EP04 enter into Power Down (PD) mode if the
input at CLKIN is DC (GND to VDD). In this state all 4
output clocks are tri-stated and the PLL is turned off,
leading to 8 A-typ power supply current draw.
Benefits
Up to four (4) distribution of input clock
Standard and High-Drive levels to control
impedance level, frequency range and EMI
Low skew, jitter and power dissipation
Block Diagram
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer (ZDB)
P
Prreelliim
miin
na
arry
y


Similar Part No. - SL23EP04SC-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
10 to 220 MHz operating frequency range
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZZC-1 SILABS-SL23EP04NZZC-1 Datasheet
181Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Similar Description - SL23EP04SC-1HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com