Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR10100
Description  Schotty Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR10100 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR10100 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR10100 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schotty Barrier Diode
MBR10100
www.iscsemi.com
1
FEATURES
· High Surge Capacity
· Low Forward Voltage Drop
· Low Leadkage Current
APPLICATIONS
· Switching Power Supply (SPS)
· Freewheeling Diode
· DC/DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
100
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Non-repetitive Peak Surge Current
150
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - MBR10100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR10100 ONSEMI-MBR10100 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR10100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290 Datasheet
98Kb / 12P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Nihon Inter Electronics...
FSH10A04 NIEC-FSH10A04 Datasheet
57Kb / 6P
Schotty Barrier Diode
logo
Leshan Radio Company
LRB500V-40T1 LRC-LRB500V-40T1 Datasheet
54Kb / 3P
Surface Mount Schotty Diode
LRB501V-40T1 LRC-LRB501V-40T1 Datasheet
53Kb / 3P
Surface Mount Schotty Diode
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290_07 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Fairchild Semiconductor
MBR20200CT FAIRCHILD-MBR20200CT Datasheet
100Kb / 4P
Dual High Voltage Schotty Rectifier
logo
Daya Electric Group Co....
SS12 DAYA-SS12 Datasheet
166Kb / 2P
1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Micro Commercial Compon...
SK34AL-TPS02 MCC-SK34AL-TPS02 Datasheet
196Kb / 3P
3 Amp Schotty Barrier Rectifier Low Vf Type 40 Volts
logo
First Silicon Co., Ltd
FDR501U FS-FDR501U Datasheet
172Kb / 3P
Surface Mount Schotty Diode
logo
SHIKUES Electronics
LL103A SKTECHNOLGY-LL103A Datasheet
819Kb / 4P
Small Signal Schotty Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com