Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290 Datasheet (PDF) - Micrel Semiconductor

MIC2290 Datasheet PDF - Micrel Semiconductor
Part # MIC2290
Download  MIC2290 Download
File Size   98.85 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode

MIC2290 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2290 Datasheet PDF - Micrel Semiconductor

Part # MIC2290
Download  MIC2290 Click to download

File Size   98.85 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode

MIC2290 Datasheet (HTML) - Micrel Semiconductor


MIC2290 Product details

General Description
The MIC2290 is a 1.2MHz, PWM, boost-switching regulator housed in the small size 2mm × 2mm 8-pin MLF® package. The MIC2290 features an internal Schottky diode that reduces circuit board area and total solution cost. High power density is achieved with the MIC2290’s internal 34V/0.5A switch, allowing it to power large loads in a tiny footprint.

Features
• Internal Schottky diode
• 2.5V to 10V input voltage
• Output voltage adjustable to 34V
• Over 500mA switch current
• 1.2MHz PWM operation
• Stable with ceramic capacitors
• <1% line and load regulation
• Low input and output ripple
• <1µA shutdown current
• UVLO
• Output overvoltage protection
• Over temperature protection
• 2mm × 2mm 8-pin MLF® package
• –40°C to +125°C junction temperature range

Applications
• Organic EL power supply
• TFT LCD bias supply
• 12V DSL power supply
• CCD bias supply
• SEPIC converters




Similar Part No. - MIC2290

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Microchip Technology
MIC2290 MICROCHIP-MIC2290 Datasheet
426Kb / 13P
2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
October 2007
logo
Micrel Semiconductor
MIC2290BML MICREL-MIC2290BML Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Microchip Technology
MIC2290BML MICROCHIP-MIC2290BML Datasheet
426Kb / 13P
2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
October 2007
logo
Micrel Semiconductor
MIC2290YML MICREL-MIC2290YML Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
More results


Similar Description - MIC2290

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2290 MICREL-MIC2290_07 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com