Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2290
Description  2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2290 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2290 Datasheet HTML 1Page - Micrel Semiconductor MIC2290 Datasheet HTML 2Page - Micrel Semiconductor MIC2290 Datasheet HTML 3Page - Micrel Semiconductor MIC2290 Datasheet HTML 4Page - Micrel Semiconductor MIC2290 Datasheet HTML 5Page - Micrel Semiconductor MIC2290 Datasheet HTML 6Page - Micrel Semiconductor MIC2290 Datasheet HTML 7Page - Micrel Semiconductor MIC2290 Datasheet HTML 8Page - Micrel Semiconductor MIC2290 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2290
Micrel
M9999-081104
2
August 2004
Pin Configuration
OUT
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
8-Pin MLF™ (ML)
(Top View)
Fused Lead Frame
Ordering Information
Marking
Output
Overvoltage
Junction
Part Number
Code
Voltage
Protection
Temp. Range
Package
Lead Finish
MIC2290BML
SRC
Adjustable
34V
–40
°C to 125°C2×2 8-pin MLF™
Standard
MIC2290YML
SRC
Adjustable
34V
–40
°C to 125°C2×2 8-pin MLF™
Lead Free
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Output pin (Output): Output voltage. Connect to FB resistor divider. This pin
has an internal 34V output overvoltage clamp. See “Block Diagram” and
“Applications” section for more information.
2
VIN
Supply (Input): 2.5V to 10V input voltage.
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regula-
tor.
4
AGND
Analog ground.
5
NC
No connect (no internal connection to die).
6
FB
Feedback (Input): Output voltage sense node. Connect feedback resistor
network to this pin. V
OUT = 1.24V
1
R1
R2
+


7
SW
Switch node (Input): Internal power Bipolar collector.
8
PGND
Power ground.
EP
GND
Ground (Return): Exposed backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com