Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713PCBA-D Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2713PCBA-D
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713PCBA-D Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2713PCBA-D Datasheet HTML 8Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 9Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 10Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 11Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 12Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 13Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 14Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 15Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
I Channel Gain versus Baseband Frequency
VCC=5.0V, FIF=132MHz, ZIN=50Ω Shunt R
22.0
22.5
23.0
23.5
24.0
24.5
25.0
0.0
5.0
10.015.020.025.030.0
35.040.045.050.0
Baseband Frequency (MHz)
-40°C
+25°C
+85°C
I Channel Gain versus Baseband Frequency
VCC=5.0V, FIF=265MHz, ZIN=50Ω Shunt R
22.0
22.5
23.0
23.5
24.0
24.5
25.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
Baseband Frequency (MHz)
-40°C
+25°C
+85°C
Q Channel Gain versus Baseband Frequency, VCC=5.0V,
FIF=132MHz, ZIN=50Ω Shunt R
22.0
22.5
23.0
23.5
24.0
24.5
25.0
0.0
5.0
10.015.020.025.030.0
35.040.045.050.0
Baseband Frequency (MHz)
-40°C
+25°C
+85°C
Q Channel Gain versus Baseband Frequency
VCC=5.0V, FIF=265MHz, ZIN=50Ω Shunt R
22.0
22.5
23.0
23.5
24.0
24.5
25.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
Baseband Frequency (MHz)
-40°C
+25°C
+85°C
Phase Error versus Baseband Frequency
VCC=5.0V, FIF=132MHz, ZIN=50Ω Shunt R
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
Baseband Frequency (MHz)
-40°C
+25°C
+85°C
Phase Error versus Baseband Frequency
VCC=5.0V, FIF=265MHz, ZIN=50Ω Shunt R
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
Baseband Frequency (MHz)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com