Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713PCBA-D Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2713PCBA-D
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713PCBA-D Datasheet(HTML) 2 Page - RF Micro Devices

  RF2713PCBA-D Datasheet HTML 1Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 2Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 3Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 4Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 5Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 6Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 7Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 8Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 7.0
V
DC
IF Input Level
500
mV
PP
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, V
CC = 3.0 V, IF = 100 MHz,
LO=200MHz, FMOD=500kHz
IF Frequency Range
0.1
265
MHz
For IF frequencies below ~2.5MHz, the LO
should be a square wave. IF frequencies lower
than 100kHz are attainable if the LO is a
square wave and sufficiently large DC blocking
capacitors are used.
Baseband Frequency Range
DC
50
MHz
Input Impedance
1200 || 1pF
Ω
Each input, single-ended
LO
Frequency
Twice (2x) the IF frequency. For IF frequencies
below ~2.5MHz, the LO should be a square
wave. IF frequencies lower than 100kHz are
attainable if the LO is a square wave and suffi-
ciently large DC blocking capacitors are used.
Level
0.06
0.8
VPP
Input Impedance
500 || 1pF
Ω
Demodulator Configuration
IFIN=28mVPP, LO=200mVPP, ZLOAD=10kΩ
Output Impedance
170 || 1pF
Ω
Each output, IOUT and QOUT @ 1MHz
Maximum Output
2.5
VPP
Saturated
Voltage Gain
20
dB
V
CC =3.0 V
22.5
24
25.1
dB
V
CC =5.0 V
Noise Figure
24
dB
Single Sideband, IF Input of device reactively
matched
28
33
dB
Single Sideband, 50
Ω shunt resistor at IF Input
Input Third Order Intercept Point
(IIP3)
-22
dBm
V
CC = 3.0 V, IF Input of device reactively
matched
-11
dBm
V
CC =3.0 V, 50 Ω shunt resistor at IF Input
-19
V
CC = 5.0 V, IF Input of device reactively
matched
-8
dBm
V
CC =5.0 V, 50 Ω shunt resistor at IF Input
-28
dBm
V
CC = 5.0 V, IF Input of device reactively
matched, ZLOAD=50Ω
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com