Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7135ARWZ Datasheet(PDF) 3 Page - Shenzhen Haitian Microelectronics Co., Ltd.

Part # HT7135ARWZ
Description  4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTCSEMI [Shenzhen Haitian Microelectronics Co., Ltd.]
Direct Link  http://www.htcsemi.com/index.asp
Logo HTCSEMI - Shenzhen Haitian Microelectronics Co., Ltd.

HT7135ARWZ Datasheet(HTML) 3 Page - Shenzhen Haitian Microelectronics Co., Ltd.

  HT7135ARWZ Datasheet HTML 1Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 2Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 3Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 4Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 5Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 6Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 7Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 8Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 9Page - Shenzhen Haitian Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage (VCC+ with respect to VCC–)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage (IN – or IN +)
VCC– to VCC+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage range
VCC– to VCC+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock input voltage range
0 V to VCC+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+
4
5
6
V
Supply voltage, VCC–
–3
–5
–8
V
Reference voltage, Vref
1
V
High-level input voltage, CLK, RUN/HOLD, VIH
2.8
V
Low-level input voltage, CLK, RUN/HOLD, VIL
0.8
V
Differential input voltage, VID
VCC – +1
VCC+ – 0.5
V
Maximum operating frequency, fclock (see Note 1)
1.2
2
MHz
Operating free-air temperature range, TA
0
70
°C
NOTE 1: Clock frequency range extends down to 0 Hz.
electrical characteristics, VCC+ = 5 V, VCC– = 5 V, Vref = 1 V, fclock = 120 kHz, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
D1-D5, B1,B2,B4,B8
IO = – 1 mA
2.4
5
V
VOH
High-level output voltage
Other outputs
IO = – 10 µA
4.9
5
V
VOL
Low-level output voltage
IO = 1.6 mA
0.4
V
VON(PP) Peak-to-peak output noise voltage (see Note 2)
VID = 0,
Full scale = 2 V
15
µV
αVO
Zero-reading temperature coefficient of output voltage
VID = 0,
0
°C ≤ TA ≤ 70°C
0.5
2
µV/°C
IIH
High-level input current
VI = 5 V,
0
°C ≤ TA ≤ 70°C
0.1
10
µA
IIL
Low-level input current
VI = 0 V,
0
°C ≤ TA ≤ 70°C
– 0.02
– 0.1
mA
II
Input leakage current IN
and IN +
VID =0
TA = 25°C
1
10
pA
II
Input leakage current, IN – and IN +
VID = 0
0
°C ≤ TA ≤ 70°C
250
pA
ICC
Positive supply current
f lk =0
TA = 25°C
1
2
mA
ICC +
Positive supply current
fclock = 0
0
°C ≤ TA ≤ 70°C
3
mA
ICC
Negative supply current
f lk =0
TA = 25°C
– 0.8
–2
mA
ICC –
Negative supply current
fclock = 0
0
°C ≤ TA ≤ 70°C
–3
mA
Cpd
Power dissipation capacitance
See Note 3
40
pF
NOTES:
2. This is the peak-to-peak value that is not exceeded 95% of the time.
3. Factor-relating clock frequency to increase in supply current. At VCC+ = 5 V, ICC+ = ICC+(fclock = 0) + Cpd × 5 V × fclock
Rev. 00
HT7135A
TLC7135A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com