Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7135ARWZ Datasheet(PDF) 10 Page - Shenzhen Haitian Microelectronics Co., Ltd.

Part # HT7135ARWZ
Description  4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTCSEMI [Shenzhen Haitian Microelectronics Co., Ltd.]
Direct Link  http://www.htcsemi.com/index.asp
Logo HTCSEMI - Shenzhen Haitian Microelectronics Co., Ltd.

HT7135ARWZ Datasheet(HTML) 10 Page - Shenzhen Haitian Microelectronics Co., Ltd.

Back Button HT7135ARWZ Datasheet HTML 4Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 5Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 6Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 7Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 8Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 9Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 10Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 11Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 12Page - Shenzhen Haitian Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PRINCIPLES OF OPERATION
minimum clock frequency
The minimum clock frequency limitations result from capacitor leakage from the auto-zero and reference
capacitors. Measurement cycles as high as 10
µs are not influenced by leakage error.
rejection of 50-Hz or 60-Hz pickup
To maximize the rejection of 50-Hz or 60-Hz pickup, the clock frequency should be chosen so that an integral
multiple of 50-Hz or 60-Hz periods occur during the signal integrate phase. To achieve rejection of these signals,
some clock frequencies that can be used are:
50 Hz: 250, 166.66, 125, 100 kHz, etc.
60 Hz: 300, 200, 150, 120, 100, 40, 33.33 kHz, etc.
zero-crossing flip-flop
This flip-flop interrogates the comparator’s zero-crossing status. The interrogation is performed after the
previous clock cycle and the positive half of the ongoing clock cycle has occurred, so any comparator transients
that result from the clock pulses do not affect the detection of a zero-crossing. This procedure delays the
zero-crossing detection by one clock cycle. To eliminate the inaccuracy, which is caused by this delay, the
counter is disabled for one clock cycle at the beginning of the deintegrate phase. Therefore, when the
zero-crossing is detected one clock cycle later than the zero-crossing actually occurs, the correct number of
counts is displayed.
noise
The peak-to-peak noise around zero is approximately 15
µV (peak-to-peak value not exceeded 95% of the
time). Near full scale, this value increases to approximately 30
µV. Much of the noise originates in the auto-zero
loop, and is proportional to the ratio of the input signal to the reference.
analog and digital grounds
For high-accuracy applications, ground loops must be avoided. Return currents from digital circuits must not
be sent to the analog ground line.
power supplies
The HT7135A and TLC7135A are designed to work with
±5-V power supplies. However, 5-V operation is
possible when the input signal does not vary more than
±1.5 V from midsupply.
Rev. 00
HT7135A
TLC7135A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com