Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2514 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2514 Datasheet HTML 9Page - RF Micro Devices RF2514 Datasheet HTML 10Page - RF Micro Devices RF2514 Datasheet HTML 11Page - RF Micro Devices RF2514 Datasheet HTML 12Page - RF Micro Devices RF2514 Datasheet HTML 13Page - RF Micro Devices RF2514 Datasheet HTML 14Page - RF Micro Devices RF2514 Datasheet HTML 15Page - RF Micro Devices RF2514 Datasheet HTML 16Page - RF Micro Devices RF2514 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13 of 18
RF2514
Rev A5 DS040115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
TROUBLESHOOTING GUIDE
The following measurements were obtained from a 915MHz Evaluation Board.
Test conditions are: VCC=3.00V, RMOD_IN=10kΩ, VMOD_IN=VCC.
* Dependent on frequency of operation, board layout, and component variations.
Bibliography
1. Keese, William O., An Analysis and Performance Evaluation of a Passive Filter Design Technique for Charge Pump Phase-
Locked Loops: Application Note 1001, National Semiconductor Corp., May 1996.
2. Rhea, Randall W., Oscillator Design and Computer Simulation, 2nd Ed., Atlanta: Noble Publishing, 1995.
Pin
Number
Pin
Name
Typical DC
Voltage
Ω to GND
(Power Off)
1GND1
0.00
0
2
PD
3.00
2.7M
3
TX OUT
3.00
1.6M
4
VCC1
3.00
1.6M
5
MOD IN
0.90
1.1M
6
VCC2
2.96
1.6M
7GND2
0.00
0
8VREF P
0.911.1M
9GND3
0.00
0
10
RESNTR-
2.63
1.6M
11
RESNTR+
2.63
1.6M
12
LOOP FLT
2.52*
1.9M
13
LD FLT
2.77
234k
14
DIV CTL
3.00
1.6M
15
OSC B
2.83
1.7M
16
OSC E
2.00
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com