Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2514 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2514 Datasheet HTML 1Page - RF Micro Devices RF2514 Datasheet HTML 2Page - RF Micro Devices RF2514 Datasheet HTML 3Page - RF Micro Devices RF2514 Datasheet HTML 4Page - RF Micro Devices RF2514 Datasheet HTML 5Page - RF Micro Devices RF2514 Datasheet HTML 6Page - RF Micro Devices RF2514 Datasheet HTML 7Page - RF Micro Devices RF2514 Datasheet HTML 8Page - RF Micro Devices RF2514 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
Prescaler
32/64
Phase
Detector &
Charge Pump
Lock
Detect
DC
Bias
2PD
15
16
12
11
10
3
TX OUT
5
13
14
RF2514
VHF/UHF TRANSMITTER
The RF2514 is a monolithic integrated circuit intended for use as a low-cost
AM/ASK transmitter. The device is provided in a 4mmx4mm, 16-pin leadless chip
carrier and is designed to provide a phased locked frequency source for use in local
oscillator or transmitter applications. The chip can be used in applications in the
North American and European VHF/UHF ISM bands. The integrated VCO, phase
detector, reference divider, and reference oscillator transistor require only the addi-
tion of an external crystal to provide a complete phase-locked oscillator. In addition
to the standard power-down mode, the chip also includes an automatic lock detect
feature that disables the transmitter output when the PLL is out-of-lock.
Features
Fully Integrated PLL Circuit
Integrated VCO and Refer-
ence Oscillator
2.25V to 3.6V Supply Voltage
Low Current and Power Down
Capability
100MHz to 1000MHz Fre-
quency Range
Out-of-Lock Inhibit Circuit
Applications
868MHz/915MHz ISM Band
Systems
Local Oscillator Source
Remote Keyless Entry
AM/ASK/OOK Transmitter
Wireless Security Systems
Rev A5 DS040115
Package Style: QFN, 16-Pin, 4x4
RF2514
VHF/UHF
Transmitter
RF2514
VHF/UHF Transmitter
RF2514PCBA-41X
Fully Assembled Evaluation Board


Similar Part No. - RF2514

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514PCBA RFMD-RF2514PCBA Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514_06 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
More results

Similar Description - RF2514

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
VHF/UHF TRANSMITTER
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
VHF/UHF TRANSMITTER
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
TX4915 VHF/UHF TRANSMITTER
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
RF Micro Devices
RF2514 RFMD-RF2514_06 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com