Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS147284 Datasheet(PDF) 1 Page - Glamox

Part # ARS147284
Description  ARIS-S DOUBLE WH E1/DALILO L8Y SIGN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS147284 Datasheet(HTML) 1 Page - Glamox

  ARS147284 Datasheet HTML 1Page - Glamox ARS147284 Datasheet HTML 2Page - Glamox ARS147284 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
ARIS-S DOUBLE WH E1/DALI
LO L8Y SIGN
A
modern
double-sided
ceiling
surface
mounted
emergency exit sign luminaire with a uniform illumination of
the sign due to a large amount of low power LEDs.
E1 / DALI means that this item has a built-in emergency
light for minimum 1 hour duration. It tests itself according to
European emergency light standards. The test cycle,
grouping of luminaires and reading the test results are all
done using DALI communication.
Item No.
ARS147284
GTIN
5903531472849
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Certificates
Certification
HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lumen Per Watt (lm/W)
60
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
DALI: Dimming
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
DALI
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Percentage Light Out In Emergency
100
Reading distance sign (m)
25
Battery Type
LiFePO4
Battery Form
Stick
Battery mAh
2200
Battery Voltage (V)
6.4
Battery Sparepart No
SP-MY-413-LI2200L
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
262
Width (mm)
41
Height (mm)
157
Item Net Weight (kg)
0.5152
Logistic Data
Item Gross Weight (kg)
0.56


Similar Part No. - ARS147284

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS1412 PANASONIC-ARS1412 Datasheet
375Kb / 12P
3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
logo
Glamox
ARS144469 GLAMOX-ARS144469 Datasheet
283Kb / 3P
ARIS-W SINGLE WH E1/WR-ST-ST LO SIGN
ARS144470 GLAMOX-ARS144470 Datasheet
286Kb / 3P
ARIS-S DOUBLE WH E1/WR-ST-ST LO SIGN
logo
Panasonic Semiconductor
ARS144H PANASONIC-ARS144H Datasheet
375Kb / 12P
3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
Miniature size Lineup includes 50/75 type
More results

Similar Description - ARS147284

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Adam Technologies, Inc.
125CH-D-XX ADAM-TECH-125CH-D-XX Datasheet
77Kb / 1P
CRIMP HOUSING SIGN ROW
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
Single or double-sided sign box illumination
logo
PHOENIX CONTACT
3044638 PHOENIX-3044638 Datasheet
87Kb / 5P
Double-level terminal block - UTTB 2,5 WH
3045075 PHOENIX-3045075 Datasheet
162Kb / 6P
UT 2,5 WH
3045198 PHOENIX-3045198 Datasheet
144Kb / 6P
UT 6 WH
3046317 PHOENIX-3046317 Datasheet
143Kb / 6P
UT 10 WH
3208158 PHOENIX-3208158 Datasheet
82Kb / 4P
Feed-through terminal block - PT 1,5/S-TWIN WH
3211794 PHOENIX-3211794 Datasheet
91Kb / 5P
Double-level terminal block - PTTB 4 WH
logo
Schneider Electric
ZB4FLCUST02 SCHNEIDER-ZB4FLCUST02 Datasheet
74Kb / 1P
FLUSH WH PROJECTING PB HEAD WH MARKED O
Oct 8, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com