Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS599482 Datasheet(PDF) 1 Page - Glamox

Part # ARS599482
Description  ARIS-P SINGLE WH E1/STLO SIGN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS599482 Datasheet(HTML) 1 Page - Glamox

  ARS599482 Datasheet HTML 1Page - Glamox ARS599482 Datasheet HTML 2Page - Glamox ARS599482 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
ARIS-P SINGLE WH E1/ST
LO SIGN
A modern single and double-sided pendant mounted
emergency exit sign luminaire. The product has a uniform
illumination of the sign due to a large amount of low power
LEDs.
E1 / ST means that this item has a built-in emergency light
for minimum 1 hour duration. It tests itself according to
European emergency light standards. Indicator LEDs on the
product communicate the test results.
Item No.
ARS599482
GTIN
5901155994822
Stock status code
M
Technical specifications
Mounting
Product Mounting
Pendant
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
2.7
IEC Protection Class
II
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lamp colour temp (K)
5700
Colour Rendering Index
>70
MacAdam step
3
Energy Class Light Source
C
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
ST = Self test
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Percentage Light Out In Emergency
100
Reading distance sign (m)
25
Battery Type
LiFePO4
Battery Form
Stick
Battery mAh
1000
Battery Voltage (V)
6.4
Battery Sparepart No
SP-MY-413-LI1000L
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
262
Width (mm)
35
Height (mm)
155
Item Net Weight (kg)
0.7728


Similar Part No. - ARS599482

ManufacturerPart #DatasheetDescription
logo
Glamox
ARS599480 GLAMOX-ARS599480 Datasheet
220Kb / 2P
ARIS-P SINGLE WH E/Z LOSIGN
ARS599481 GLAMOX-ARS599481 Datasheet
220Kb / 2P
ARIS-P SINGLE WH E/Z HOSIGN
ARS599484 GLAMOX-ARS599484 Datasheet
197Kb / 3P
ARIS-P SINGLE WH E1/STHO SIGN
ARS599486 GLAMOX-ARS599486 Datasheet
199Kb / 3P
ARIS-P SINGLE WH E1/DALILO SIGN
ARS599488 GLAMOX-ARS599488 Datasheet
199Kb / 3P
ARIS-P SINGLE WH E1/DALIHO SIGN
More results

Similar Description - ARS599482

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
Single or double-sided sign box illumination
logo
PHOENIX CONTACT
1704858 PHOENIX-1704858 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 5-P-2,5 WH
1704859 PHOENIX-1704859 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 6-P-2,5 WH
1704860 PHOENIX-1704860 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 7-P-2,5 WH
1704861 PHOENIX-1704861 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 8-P-2,5 WH
1704853 PHOENIX-1704853 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 2-P-2,5 WH
1704854 PHOENIX-1704854 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 3-P-2,5 WH
1704857 PHOENIX-1704857 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 4-P-2,5 WH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com