Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
9 / 32
Copyright © 2022, Injoinic Corp.
8 芯片内部框图
BST1
HG1
HG2
BUCK-BOOST Driver
BUCK-BOOST Control
VCC5V
VCC5V
CSN1
CSP1
CSP2
CSN2
CP1_5V
CP2_5V
VBUS
控制
DP/DM
协议
TYPEC
PD协议
VBUS
VBUS_I
VBUSG
DPC
DMC
CC1
CC2
ADC
LDO
VBUS
VIO
LDO
LDO
LDO
VCC5V
VDD
VCCIO
Vref/IREF
HOSC
Charge
Pump 1
VIO
CP1_5V
LED1
LED2
FSEL
FCAP
HLED
NTC
LX1 LG1
LG2 LX2 BST2
PCON
PCIN
BAT
VIO
DMA1
VOUT2
VOUT2G
Charge
Pump 2
BAT
CP2_5V
VIN
控制
TYPEC
PD协议
Lightning
VIN
CC3
LT
VIN_G
VOUT1
控制
DP/DM
协议
VOUT1
VOUT1G
DPA1
VOUT2
控制
DP/DM
协议
DMA2
DPA2
VIN
BAT
KEY
WLED
KEY
LED3
系统逻辑控制
20μA/80μA
GPIO&MFP
LED
电量显示
I2C
interface
VCCIO
VCCIO
VCCIO
VCCIO
80μA
80μA
80μA
图
3
芯片内部框图
9 极限参数
参数
符号
值
单位
端口输入电压范围
VBAT/VIN/VBUS
-
0.3 ~ 35
V
协议接口电压范围
DP/DM/CC
-
0.3 ~ 30
V
数字
GPIO 电压范围
LED/FCAP
-
0.3 ~ 8
V
结温范围
TJ
-
40 ~ 125
℃
存储温度范围
Tstg
-
60 ~ 150
℃
热阻(结温到环境)
θJA
26
℃
/W
人体模型(
HBM)
ESD
4
KV
*高于绝对最大额定值部分所列数值的应力有可能对器件造成永久性的损害,在任何绝对最大额定值条
件下暴露的时间过长都有可能影响器件的可靠性和使用寿命。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com